công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12028 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL12028
Giải thích chi tiết về linh kiện  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12028 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL12028 Datasheet HTML 1Page - Intersil Corporation ISL12028 Datasheet HTML 2Page - Intersil Corporation ISL12028 Datasheet HTML 3Page - Intersil Corporation ISL12028 Datasheet HTML 4Page - Intersil Corporation ISL12028 Datasheet HTML 5Page - Intersil Corporation ISL12028 Datasheet HTML 6Page - Intersil Corporation ISL12028 Datasheet HTML 7Page - Intersil Corporation ISL12028 Datasheet HTML 8Page - Intersil Corporation ISL12028 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
®
ISL12028, ISL12028A
Real Time Clock/Calendar with I2C Bus™
and EEPROM
The ISL12028 device is a low power real time clock with
clock/calendar, power-fail indicator, clock output and crystal
compensation, two periodic or polled alarms (CMOS output),
intelligent battery backup switching, CPU Supervisor,
integrated 512x8-bit EEPROM configured in 16 bytes per
page.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real-time clock tracks time with separate registers for
hours, minutes and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
The ISL12028 and ISL12028A Power Control Settings are
different. The ISL12028 uses the Legacy Mode Setting, and
the ISL12028A uses the Standard Mode Setting.
Applications that have VBAT > VDD will require only the
ISL12028A. Please refer to “Power Control Operation” on
page 14 for more details. Also, please refer to “I2C
Communications During Battery Backup and LVR Operation”
on page 25 for important details.
Pinout
ISL12028, ISL12028A
(14 LD TSSOP, SOIC)
TOP VIEW
Features
• Real Time Clock/Calendar
- Tracks time in Hours, Minutes and Seconds
- Day of the Week, Day, Month and Year
- 3 Selectable Frequency Outputs
• Two Non-Volatile Alarms
- Settable on the Second, Minute, Hour, Day of the Week,
Day, or Month
- Repeat Mode (Periodic Interrupts)
• Automatic Backup to Battery or SuperCap
- Power Failure Detection
- 800nA Battery Supply Current
• On-Chip Oscillator Compensation
- Internal Feedback Resistor and Compensation
Capacitors
- 64 Position Digitally Controlled Trim Capacitor
- 6 Digital Frequency Adjustment Settings to ±30ppm
• 512x8 Bits of EEPROM:
- 16-Byte Page Write Mode (32 total pages)
- 8 Modes of BlockLock™ Protection
- Single Byte Write Capability
- Data Retention: 50 years
- Endurance: >2,000,000 Cycles Per Byte
• CPU Supervisor Functions:
- Power On Reset, Low Voltage Sense
- Watchdog Timer (0.25s, 0.75s and 1.75s)
•I2C Interface
- 400kHz Data Transfer Rate
• 14 Ld SOIC and 14 Ld TSSOP Packages
• Pb-Free (RoHS Compliant)
Applications
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive
NC = No internal connection
NC
NC
X1
X2
1
2
3
4
13
14
12
11
5
6
7
10
9
8
RESET
GND
VDD
VBAT
IRQ/FOUT
NC
SCL
NC
SDA
NC
Data Sheet
FN8233.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
I2C Bus™ is a trademark owned by NXP Semiconductors Netherlands, B.V.
BlockLock™ is a trademark of Intersil Corporation or one of its subsidiaries. Copyright Intersil Americas Inc. 2005, 2006, 2008, 2010.
All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
August 9, 2010


Số phần tương tự - ISL12028

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
ISL12028 INTERSIL-ISL12028 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028 INTERSIL-ISL12028 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12028 INTERSIL-ISL12028 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

Mô tả tương tự - ISL12028

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com