công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-130060-007 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-130060-007
Giải thích chi tiết về linh kiện  Mini-Change MPIS, 3 Pole Female, 8 Ports, with 12 Pole Male Home Run Connector, with LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX11 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130060-007 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-130060-007 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130060-007 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300600026
Status:
Active
Overview:
minichange_products
Description:
Mini-Change® MPIS, 3 Pole Female, 8 Ports, with 12 Pole Male Home Run Connector,
with LEDs
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
UL
E46237
General
Product Family
Passive Distribution Boxes
Series
130060
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
minichange_products
Product Name
Mini-Change®
Physical
Bus I/O
Mini-Change®
Cable Connector Orientation
Straight
Cable Length
N/A
Home Run Cable Length
N/A
Home Run Connector
Mini-Change® - 12 pole
Home Run Interface
N/A
Keyway
Single
LED Indicator
Yes
Material - Cable Jacket
N/A
Material - Housing
PBT
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Orientation
Side Mount
Poles
3
Poles (wired)
3
Ports
8
Temperature Range - Operating
-25°C to +90°C
Wiring Configuration
Single I/O per Port
Electrical
Current - Maximum per Contact
7A
Functional Wiring
Parallel
Voltage - Maximum
600V AC/DC
Material Info
Old Part Number
410P801
Reference - Drawing Numbers
Sales Drawing
SD-130060-007
Series
image - Reference only
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130060Series
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - SD-130060-007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-130060-003 MOLEX11-SD-130060-003 Datasheet
225Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 4 Ports, with 6 Pole Male Connector
SD-130060-004 MOLEX11-SD-130060-004 Datasheet
266Kb / 2P
   Mini-Change짰 MPIS, 3 Pole Female, 8 Ports with 10 Pole Male Connector
SD-130060-005 MOLEX11-SD-130060-005 Datasheet
230Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 4 Ports, with 7 Pole Male Connector, with LEDs
More results

Mô tả tương tự - SD-130060-007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
1300600012 MOLEX11-1300600012 Datasheet
248Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 6 Ports with 8 Pole Male Connector
1300600023 MOLEX11-1300600023 Datasheet
230Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 4 Ports, with 7 Pole Male Connector, with LEDs
1300600001 MOLEX11-1300600001 Datasheet
225Kb / 2P
   Mini-Change MPIS, 3 Pole Female, 4 Ports, with 6 Pole Male Connector
1300600017 MOLEX11-1300600017 Datasheet
266Kb / 2P
   Mini-Change짰 MPIS, 3 Pole Female, 8 Ports with 10 Pole Male Connector
1300600024 MOLEX11-1300600024 Datasheet
254Kb / 2P
   Mini-Change짰 MPIS, 3 Pole Female, 6 Ports, with 9 Pole Male Connector, with LEDs
1201140059 MOLEX-1201140059 Datasheet
33Kb / 2P
   Micro-Change Molded Junction Box, Top Mount with Mini-Change 12 Pole Home Run Connector, 8 Ports, NPN
02/13/2019
1202510073 MOLEX-1202510073 Datasheet
40Kb / 1P
   MPIS Ultra-Lock (M12) Passive Junction Box, Top-Mount, 8 Ports / 4 Poles, No LEDs, with Integral Mini-Change (12-Pole) Home Run Connector, Single IO Per Port
11/17/2022
1202510082 MOLEX-1202510082 Datasheet
41Kb / 1P
   MPIS Ultra-Lock (M12) Passive Junction Box, Top-Mount, 8 Ports / 5 Poles, No LEDs, with Integral Mini-Change (12-Pole) Home Run Connector, Dual IO Per Port
11/17/2022
1201140079 MOLEX-1201140079 Datasheet
204Kb / 1P
   MICRO-CHANGE MPIS 8 PORT TOP MOUNT PNP MINI 12 POLE MALE
2010/03/18
1202510088 MOLEX-1202510088 Datasheet
41Kb / 1P
   MPIS Ultra-Lock (M12) Passive Junction Box, Top-Mount, 4 Ports / 5 Poles, No LEDs, with Integral Mini-Change (12-Pole) Home Run Connector, Dual IO Per Port
11/17/2022
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com