công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SD-502396-002 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-502396-002 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5023961010 Status: Active Overview: slimstack_mm016_pitch Description: 0.40mm (.016") Pitch SlimStack™ Board-to-Board Plug, SMT, Dual Row, Vertical Stacking, 2.50mm (.098") Stacking Height, With Solder Tabs, 100 Circuits Documents: 3D Model Product Specification PS-501635-002 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Headers Series 502396 Application Board-to-Board Overview slimstack_mm016_pitch Product Name SlimStack™ Physical Breakaway No Circuits (Loaded) 100 Circuits (maximum) 100 Color - Resin Black Durability (mating cycles max) 30 First Mate / Last Break No Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Mated Height (in) 0.098 In Mated Height (mm) 2.50 mm Material - Metal Brass, Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Gold Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Vertical PCB Locator No PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.016 In Pitch - Mating Interface (mm) 0.40 mm Pitch - Term. Interface (in) 0.016 In Pitch - Term. Interface (mm) 0.40 mm Plating min: Mating (µin) 10.000 Plating min: Mating (µm) 0.25 Plating min: Termination (µin) 2.000 Plating min: Termination (µm) 0.05 Polarized to Mating Part No Polarized to PCB No Shrouded Closed Ends Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -30°C to +85°C Termination Interface: Style Surface Mount Electrical EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 502396Series Mates With 501635 SlimStack™ Board-to-Board Receptacle |
Số phần tương tự - SD-502396-002 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |