công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SD-501054-004 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-501054-004 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5010541470 Status: Active Description: 0.50mm (.020") Pitch Cradlecon™ I/O Plug, SMT, Right Angle, SMT Shell Tabs, 14 Circuits Documents: 3D Model Product Specification PS-51283-013 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family I/O Connectors Series 501054 Application Board-to-Board, Wire-to-Board Component Type Plug Product Name CradleCon™ Type N/A Physical Boot Color N/A Circuits (Loaded) 14 Circuits (maximum) 14 Color - Resin Black Gender Plug Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Right Angle PCB Locator No PCB Retention Yes Packaging Type Embossed Tape on Reel Panel Mount No Pitch - Mating Interface (in) 0.020 In Pitch - Mating Interface (mm) 0.50 mm Pitch - Term. Interface (in) 0.020 In Pitch - Term. Interface (mm) 0.50 mm Plating min: Mating (µin) 8 Plating min: Mating (µm) 0.2 Plating min: Termination (µin) 80 Plating min: Termination (µm) 2 Polarized to Mating Part Yes Polarized to PCB Yes Ports 1 Surface Mount Compatible (SMC) Yes Temperature Range - Operating -20°C to +60°C Termination Interface: Style Surface Mount Waterproof / Dustproof No Electrical Current - Maximum per Contact 0.5A Shield Type Full Shield Shielded Yes Voltage - Maximum 30V AC (RMS)/DC Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 501054Series Mates With 500887-1419 , Custom Harness |
Số phần tương tự - SD-501054-004 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |