công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-120084-027 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-120084-027
Giải thích chi tiết về linh kiện  Ultra-Lock (M12) 5 Pole, Front Panel Mount Receptacle, 1/2"-14 NPT Mounting Thread, 22 AWG PVC Leads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX11 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120084-027 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-120084-027 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120084-027 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200840016
Status:
Active
Overview:
ultralock_connection_system
Description:
Ultra-Lock® (M12) 5 Pole, Front Panel Mount Receptacle, 1/2"-14 NPT Mounting
Thread, 22 AWG PVC Leads, 0.30M (11.81")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
General
Product Family
Industrial Receptacles
Series
120084
IP Rating
IP69K
NEMA Rating
NEMA 6
Overview
ultralock_connection_system
Product Name
Ultra-Lock® (M12)
Type
Single Ended (pigtail)
Physical
Coupling Type
Internal Thread
Gender
Female
Keyway
Single
Length
0.30m (11.81")
Material - Component
Nickel-plated Brass
Mounting Thread Size
1/2" - 14 NPT
Orientation
Straight
Panel Mount
Front
Poles
5
Temperature Range - Operating
-25°C to +90°C
Wire Size AWG
22
Wire/Cable Type
UL 1061
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V AC/DC
Material Info
Old Part Number
WR5000A18C300
Reference - Drawing Numbers
Sales Drawing
SD-120084-027
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120084Series
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - SD-120084-027

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-120084-027 MOLEX11-SD-120084-027 Datasheet
155Kb / 2P
   Ultra-Lock (M12) 4 Pole, Front Panel Mount Receptacle, 1/2"-14 NPT Mounting Thread, 22
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com