công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-502380-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-502380-001
Giải thích chi tiết về linh kiện  1.25mm (.049") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 2 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX11 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502380-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-502380-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502380-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502380-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502380-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502380-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5023800200
Status:
Active
Overview:
clikmate_wiretoboard_connectors
Description:
1.25mm (.049") Pitch CLIK-Mate™ Wire-to-Board Housing, Single Row, Positive Lock,
2 Circuits
Documents:
3D Model
Product Specification PS-502382-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
General
Product Family
Crimp Housings
Series
502380
MolexKits
Yes
Overview
clikmate_wiretoboard_connectors
Product Name
CLIK-Mate™
Physical
Breakaway
No
Circuits (maximum)
2
Color - Resin
White
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Electrical
Current - Maximum per Contact
1A
Material Info
Reference - Drawing Numbers
Application Specification
AS-502380-001, AS-502380-002
Packaging Specification
SPK-502380-001
Product Specification
PS-502382-001, RPS-502382-003, RPS-502382-004,
RPS-502382-005, RPS-502382-006, RPS-502382-008,
RPS-502382-010, RPS-502382-011, RPS-502382-012,
RPS-502382-013, RPS-502386-001
Sales Drawing
SD-502380-001, SD-502380-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502380Series
Mates With
502382 PCB Receptacle, 502386 PCB
Receptacle
Use With
502381 Crimp Terminal
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - SD-502380-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-502380-001 MOLEX11-SD-502380-001 Datasheet
424Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, 4 Circuits
SD-502380-001 MOLEX5-SD-502380-001 Datasheet
371Kb / 4P
   1.25 W/B CONN, SINGLE PLUG HOUSING 2-7CKT
SD-502380-001 MOLEX11-SD-502380-001 Datasheet
424Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 7 Circuits
SD-502380-001 MOLEX11-SD-502380-001 Datasheet
424Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 5 Circuits
SD-502380-001 MOLEX11-SD-502380-001 Datasheet
429Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 11 Circuits
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com