công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-501454-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-501454-001
Giải thích chi tiết về linh kiện  6.50mm (.256") Pitch Wire-to-Board Retainer, 2 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX11 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501454-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-501454-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501454-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501454-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-501454-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-501454-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5014540205
Status:
Active
Description:
6.50mm (.256") Pitch Wire-to-Board Retainer, 2 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51142-003 (PDF)
General
Product Family
Accessories
Series
501454
Component Type
Retainer
Product Name
N/A
Physical
Circuits (Loaded)
2
Color - Resin
Gray
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
10A
Material Info
Reference - Drawing Numbers
Product Specification
PS-51142-003, RPS-51142-007
Sales Drawing
SD-501454-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501454Series
Use With
51142
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - SD-501454-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-501427-001 MOLEX11-SD-501427-001 Datasheet
326Kb / 6P
   0.50mm (.020") Pitch Shielded Double I/O PCB Socket Right Angle, SMT, Reverse Mount, Lead-free
SD-501427-002 MOLEX11-SD-501427-002 Datasheet
326Kb / 6P
   0.50mm (.020") Pitch Shielded Double I/O PCB Socket Right Angle, SMT, Reverse Mount, Lead-free
SD-501461-001 MOLEX11-SD-501461-001 Datasheet
248Kb / 5P
   0.50mm (.020") Pitch FPC Connector, BackFlip, Right Angle, SMT, Bottom Contact Style
SD-501461-001 MOLEX11-SD-501461-001 Datasheet
351Kb / 6P
   0.50mm (.020") Pitch FPC Connector, BackFlip, Right Angle, SMT, Bottom Contact Style
SD-501461-001 MOLEX11-SD-501461-001 Datasheet
297Kb / 5P
   0.50mm (.020") Pitch FPC Connector, BackFlip, Right Angle, SMT, Bottom Contact Style, 0.80mm (.031")
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com