công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-120049-001 bảng dữ liệu(PDF) 2 Page - Molex Electronics Ltd.

tên linh kiện SD-120049-001
Giải thích chi tiết về linh kiện  Micro-Change Double-Ended Cordset, Straight, Male to Male, 4 Poles, 3.0m (9.84 ) Length, D-Coded Keyway
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX11 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120049-001 bảng dữ liệu(HTML) 2 Page - Molex Electronics Ltd.

  SD-120049-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120049-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
( 2 : 1 )
( 2 : 1 )
M aterial No: P art Num ber
length L
1200499417 E 11A 06002M 010
1000
1201080027 E 11A 06002M 030
3000
1201080039 E 11A 06002M 080
8000
1201080038 E 11A 06002M 100
10000
1201080037 E 11A 06002M 150
15000
1201080036 E 11A 06002M 200
20000
1201080035 E 11A 06002M 230
23000
1201080034 E 11A 06002M 300
30000
1201080033 E 11A 06002M 380
38000
1201080032 E 11A 06002M 450
45000
1201080031 E 11A 06002M 530
53000
1201080030 E 11A 06002M 600
60000
1201080029 E 11A 06002M 760
76000
1200490457 E 11A 06002M 800
80000
1201080028 E 11A 06002M 900
90000
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
=
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±±
±±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
FIRST ANGLE
PROJECTION
METRIC
MM ONLY
DATE
DATE
DATE
---
---
---
----
0,10
0,05
---
---
1/2
C
OF
A3
4
1
E11A06002MXXX
1:1
NS
23.05.2005
12.02.2007
FP
01.07.2005
FP
M12-4P(D)-M/M-ST/ST
Ethernet Cordset
unshielded
5
2 (RD+)
3 (TD-)
1 (TD+)
4 (RD-)
L
D - Code
Customer Drawing
Kundenzeichnung
Electrical Data:
According to CAT5e Ethernet Standard.
Cordset male D - code to male D - code
Poles:
4
Max. Voltage:
125V
Max Current:
1,5A
Contact resistance:
<5m Ohm
Insulation withstand:
>100M Ohm
Protection:
IP67
Temperature range:
-25°C to 75°C
Cable: YM48679
Kabel: YM48679
Connection: Inline
1
2
3
4
1
2
3
4
50
Packaging:
The coil is packed into a plastic bag and welded.
Verpackung:
Das Kabel wird zusammengerollt in eine Plastiktüte gegeben und verschwießt.
100
`25
For further cable length see generic drawing


Số phần tương tự - SD-120049-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-120005-011 MOLEX-SD-120005-011 Datasheet
275Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2011/12/20
SD-120005-011 MOLEX-SD-120005-011 Datasheet
275Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2011/12/20
SD-120005-015 MOLEX-SD-120005-015 Datasheet
249Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2011/12/20
SD-120005-015 MOLEX-SD-120005-015 Datasheet
249Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2011/12/20
SD-120065-026 MOLEX11-SD-120065-026 Datasheet
161Kb / 2P
   MICRO-CHANGE COERDSET 3/4/5-POL FEMALE STR SE 22/5 YELLOW PVC CABLE
More results

Mô tả tương tự - SD-120049-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
1201080237 MOLEX-1201080237 Datasheet
28Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, Shielded PUR Cable, 3.0m (9.84) Length
01/31/2023
1300480097 MOLEX-1300480097 Datasheet
28Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 24 AWG, Teal TPE Cable, 3.0m (9.84) Length
01/31/2023
1201088422 MOLEX-1201088422 Datasheet
27Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 24 AWG, Teal PVC Cable, 3.0m (9.84) Length
02/01/2023
1200661238 MOLEX-1200661238 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 SJOOW Cable, 3.0m (9.84) Length
01/31/2023
1300480009 MOLEX-1300480009 Datasheet
27Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 26 AWG, Teal PVC Cable, 3.0m (9.84) Length
01/31/2023
1200661575 MOLEX-1200661575 Datasheet
42Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 8 Poles, Female (Straight) to Male (Straight), 24 AWG, 3.0m (9.84) Length
01/31/2023
1200660860 MOLEX-1200660860 Datasheet
43Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, PUR Cable, 3.0m (9.84) Length
01/31/2023
1201088306 MOLEX-1201088306 Datasheet
28Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), Green TPU WSOR Cable, 22 AWG, 3.0m (9.84) Length
01/31/2023
1201088304 MOLEX-1201088304 Datasheet
46Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088311 MOLEX-1201088311 Datasheet
46Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com