công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SD-501014-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-501014-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5010142071 Status: Active Description: 0.50mm (.020") Pitch Cradlecon™ I/O Plug, SMT, Right Angle, Through Hole Shell Tabs, 20 Circuits Documents: 3D Model Product Specification PS-54944-028 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family I/O Connectors Series 501014 Application Board-to-Board Component Type Plug Product Name CradleCon™ Type N/A Physical Boot Color N/A Circuits (Loaded) 20 Circuits (maximum) 20 Color - Resin Black Gender Plug Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Right Angle PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.031 In, 0.039 In PCB Thickness Recommended (mm) 0.80 mm, 1.00 mm Packaging Type Embossed Tape on Reel Panel Mount No Pitch - Mating Interface (in) 0.020 In Pitch - Mating Interface (mm) 0.50 mm Pitch - Term. Interface (in) 0.020 In Pitch - Term. Interface (mm) 0.50 mm Plating min: Mating (µin) 8 Plating min: Mating (µm) 0.2 Plating min: Termination (µin) 80 Plating min: Termination (µm) 2 Polarized to Mating Part Yes Polarized to PCB Yes Ports 1 Surface Mount Compatible (SMC) Yes Temperature Range - Operating -20°C to +60°C Termination Interface: Style Surface Mount Waterproof / Dustproof No Electrical Current - Maximum per Contact 0.5A Shield Type Full Shield Shielded Yes Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 501014Series Mates With 51283 -20*6 Vertical, Link:54944-2070 Right Angle |
Số phần tương tự - SD-501014-001 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |