công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-501334-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-501334-001
Giải thích chi tiết về linh kiện  1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Crimp Terminal, 28-32 AWG, Leadfree, Tin Plating, Reel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX11 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501334-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-501334-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501334-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501334-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5013340000
Status:
Active
Overview:
picoclasp
Description:
1.00mm (.039") Pitch Pico-Clasp™ Wire-to-Board Crimp Terminal, 28-32 AWG, Lead-
free, Tin Plating, Reel
Documents:
3D Model
Product Specification PS-501940-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-501331-001 (PDF)
General
Product Family
Crimp Terminals
Series
501334
Crimp Quality Equipment
Yes
Overview
picoclasp
Product Name
Pico-Clasp™
Physical
Gender
Receptacle
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
40.00
Plating min: Mating (µm)
1.000
Plating min: Termination (µin)
40.00
Plating min: Termination (µm)
1.00
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.80mm (.031") max.
Wire Size AWG
28, 30, 32
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501334-001
Product Specification
PS-501331-001, PS-501940-001, RPS-501331-001,
RPS-501331-002, RPS-501331-003, RPS-501331-005,
RPS-501331-006, RPS-501331-007, RPS-501568-002,
RPS-501940-001, RPS-501940-002, RPS-501940-003,
RPS-501940-004
Sales Drawing
SD-501334-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501334Series
Mates With
501331 PCB Header
Use With
501330 Crimp Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Fine Adjust™
Applicator for
1.00mm (.039") Pitch
Wire-to-Board Crimp
Terminal
0639019400
Hand Crimp Tool
for 1.00mm (.039")
0638191500


Số phần tương tự - SD-501334-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-501334-001 MOLEX11-SD-501334-001 Datasheet
98Kb / 3P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Crimp Terminal, 28-32 AWG, Leadfree, Tin Plating, Loose
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com