công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-501014-008 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-501014-008
Giải thích chi tiết về linh kiện  0.50mm (.020") Pitch Cradlecon I/O Plug, SMT, Right Angle, Through Hole Shell Tabs, 14 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX11 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501014-008 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-501014-008 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501014-008 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501014-008 Datasheet HTML 3Page - Molex Electronics Ltd. SD-501014-008 Datasheet HTML 4Page - Molex Electronics Ltd. SD-501014-008 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5010141474
Status:
Active
Description:
0.50mm (.020") Pitch Cradlecon™ I/O Plug, SMT, Right Angle, Through Hole Shell
Tabs, 14 Circuits, with Kapton Pick and Place Tape
Documents:
3D Model
Product Specification PS-59205-011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-500887-002 (PDF)
General
Product Family
I/O Connectors
Series
501014
Application
Wire-to-Board
Comments
With Kapton Tape
Component Type
Plug
Product Name
CradleCon™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
14
Circuits (maximum)
14
Color - Resin
Black
Gender
Plug
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.031 In, 0.039 In
PCB Thickness Recommended (mm)
0.80 mm, 1.00 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.020 In
Pitch - Term. Interface (mm)
0.50 mm
Plating min: Mating (µin)
8
Plating min: Mating (µm)
0.2
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-20°C to +60°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
0.4A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501014Series
Mates With
Custom Harness, 500887-1419


Số phần tương tự - SD-501014-008

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-501014-001 MOLEX11-SD-501014-001 Datasheet
306Kb / 5P
   0.50mm (.020") Pitch Cradlecon I/O Plug, SMT, Right Angle, Through Hole Shell Tabs, 20 Circuits
SD-501014-002 MOLEX11-SD-501014-002 Datasheet
306Kb / 5P
   0.50mm (.020") Pitch Cradlecon I/O Plug, SMT, Right Angle, Through Hole Shell Tabs, 20 Circuits
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com