công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SD-501628-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-501628-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5016282191 Status: Active Description: 0.30mm (.012") Pitch Easy-On™ Type FPC Connector, 0.90mm (.035") Mated Height, Right Angle, SMT, Bottom Contact Style, 21 Circuits, Lead-free Documents: 3D Model Product Specification PS-501628-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family FFC/FPC Connectors Series 501628 Comments FPC with tabs Product Name Easy-On™ Physical Circuits (Loaded) 21 Contact Position Bottom Durability (mating cycles max) 10 Entry Angle 90° Angle Mated Height (in) 0.035 In Mated Height (mm) 0.90 mm Material - Metal Copper Alloy Material - Plating Mating Gold Number of Rows 1 Orientation Right Angle PCB Locator No PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.012 In Pitch - Mating Interface (mm) 0.30 mm Polarized to PCB Yes Stackable No Temperature Range - Operating -25°C to +85°C Termination Interface: Style Surface Mount Wire/Cable Type FPC only Electrical Current - Maximum per Contact 0.2A Voltage - Maximum 50V Material Info Reference - Drawing Numbers Product Specification PS-501628-001, RPS-501628-003, RPS-501628-004, RPS-501628-008 Sales Drawing SD-501628-001, SD-501628-003 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 501628Series This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Số phần tương tự - SD-501628-001 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |