công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-112000-5034 bảng dữ liệu(PDF) 2 Page - Molex Electronics Ltd.

tên linh kiện SD-112000-5034
Giải thích chi tiết về linh kiện  BradCommunications Direct-Link PCIE-ETHIO Ethernet card for Modbus TCP/ UDP Client
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX11 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-112000-5034 bảng dữ liệu(HTML) 2 Page - Molex Electronics Ltd.

  SD-112000-5034 Datasheet HTML 1Page - Molex Electronics Ltd. SD-112000-5034 Datasheet HTML 2Page - Molex Electronics Ltd. SD-112000-5034 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
applicomIO® PCU-ETHIO
Best Choice for controlling I/O over Modbus TCP
Overview
Some of the world’s most demanding high-speed control and automation applications run on
standard PCs using BradCommunications™ applicomIO® fieldbus interface cards.
Dedicated DCS and PLC systems have been eliminated in favor of open platforms running
PC-based control systems.
The benefits include:
Reduced material costs
Reduced development times
More flexible and customizable systems
Reduced field-support costs
applicomIO products are design so industrial applications can be designed independently of
the fieldbus used. OEMs, system integrators and end-users can take advantage of
developing standard control applications as well as selecting the fieldbus connectivity
required from the applicomIO product range.
applicomIO products consist of a fieldbus card and engineering tools which quickly and
easily setup communication. EVERYTHING is included for a successful implementation at a
lower cost.
applicomIO provides connectivity support for all popular fieldbuses including EtherNet/IP,
PROFINET IO, Modbus TCP, PROFIBUS, DeviceNet and CANopen. Our cards are
developed in compliance with the technical specifications of industrial organizations and
comply with the applicable industrial standards. applicomIO supports up to 8 cards in a
single PC and can run on various operating systems including Windows 32-bits, Linux as
well as real-time OS such as VxWorks, QNX, and VenturCom RTX.
Particularly, the applicomIO® PCU-ETHIO network interface card provides high-speed
deterministic communication to exchange data with industrial devices through Modbus
Ethernet messaging. The built-in processor handles all the protocol management to offer
reliable and outstanding performance.
The software package includes a common development library for all fieldbuses supported.
The process data is exchanged with the control application through a shared memory where
inputs/outputs are automatically mapped. To monitor the communication between the card
and the control application, the library includes a watchdog feature to automatically detect
software blocking.
ARE YOU LOOKING FOR A REAL TURNKEY SOLUTION?
applicomIO® configuration software console provides a standardized and user-friendly
environment for quick development of communication applications without the worry of
knowing industrial communication protocols. The console saves time during the
commissioning phase by offering features such as automatic device detection, user
configuration management, diagnostic information, etc.
The product includes:
Fieldbus interface card
Engineering console for configuration and diagnostics
Data Servers (OPC DA v3.0 & v2.05, Wonderware DAServer and FastDDE/SuiteLink)
Development Libraries: Windows (DLL), NI (LabView), VenturCom (RTX)
Static library for non-windows OS (VxWorks, QNX, Linux, etc)
BradCommunications™ applicomIO® Ethernet network
interface cards provide powerful and reliable data
acquisition for PC-based control and visualization
applications.
Features
New! Support of PCI Express
1x fomr factor
Protocols:
Modbus TCP Client
Modbus UDP Client
Reliable solution based on
embedded protocol technology
for powerful data throughput
Single-time development of API
for whatever fieldbus used
“User-friendly” engineering
tools for configuration and
diagnostics
Remote connection through
Ethernet port (for embedded
system platform)
Application watchdog
Automatic I/O mapping for
easy configuration
I/O exchange up to 14 Kbytes
Typical Application
PC-Based Control
Robotic application
Panel PC visualization system
Supported OS
Standard package
Windows 32-bit (XP , 2000,
2003 Server), VenturCom RTX
Free Download
Windows XP Embedded, QNX,
VxWorks, Linux, Phar Lap ETS,
DOS
LINUX
27 Jan. 10
DW2008253
PCI 3.3/5V
PCI Express


Số phần tương tự - SD-112000-5034

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-112000-5032 MOLEX11-SD-112000-5032 Datasheet
847Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for PROFINET IOController & IO-Device
SD-112000-5033 MOLEX11-SD-112000-5033 Datasheet
844Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
More results

Mô tả tương tự - SD-112000-5034

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
1120005029 MOLEX11-1120005029 Datasheet
398Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for Modbus TCP/UDP Client
1120005033 MOLEX11-1120005033 Datasheet
844Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
1120005032 MOLEX11-1120005032 Datasheet
847Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for PROFINET IOController & IO-Device
1120005030 MOLEX11-1120005030 Datasheet
409Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
1120005031 MOLEX11-1120005031 Datasheet
410Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for PROFINET IOController & IO-Device
logo
List of Unclassifed Man...
G38910052230 ETC2-G38910052230 Datasheet
131Kb / 5P
   Ethernet Modbus/TCP Gateway
logo
Molex Electronics Ltd.
987651-4162 MOLEX-987651-4162 Datasheet
464Kb / 2P
   Brad Direct-Link SW1000 Software EtherNet TCP/IP
2019.05
logo
Moxa Inc.
5109 MOXA-5109 Datasheet
751Kb / 6P
   1-port Modbus RTU/ASCII/TCP-to-DNP3 serial/TCP/UDP gateways
logo
Prosoft-Technology
MVI56E-MNETC PROSOFT-MVI56E-MNETC Datasheet
551Kb / 3P
   Modbus TCP/IP Enhanced Communications Module Client/Server
MVI56E-MNET PROSOFT-MVI56E-MNET Datasheet
365Kb / 3P
   Modbus TCP/IP Client/Server Enhanced Communication Module for ControlLogix
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com