công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-105020-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-105020-001
Giải thích chi tiết về linh kiện  0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, Through Hole, DIP Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX11 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-105020-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-105020-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-105020-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-105020-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-105020-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-105020-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-105020-001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1050200008
Status:
Active
Overview:
displayport
Description:
0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, Through Hole, DIP
Type, 0.76µm (30µ") Gold (Au) Plating, 20 Circuits, with Flange and Cover, Leadfree
Documents:
3D Model
Product Specification PS-47272-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
105020
Application
Wire-to-Board
Comments
With Flange. With Cover
Component Type
Receptacle
Overview
displayport
Product Name
DisplayPort*
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Bismuth
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
With Flange
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
0.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
105020Series


Số phần tương tự - SD-105020-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-105020-001 MOLEX11-SD-105020-001 Datasheet
386Kb / 6P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, Through Hole, DIP Type
SD-105020-001 MOLEX11-SD-105020-001 Datasheet
386Kb / 6P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, Through Hole, DIP Type
SD-105020-001 MOLEX11-SD-105020-001 Datasheet
384Kb / 6P
   0.50mm (.020") Pitch DisplayPort Male Receptacle with Flange, Right Angle, Through Hole
SD-105020-001 MOLEX11-SD-105020-001 Datasheet
385Kb / 6P
   0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, Through Hole, DIP Type
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com