công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-120066-020 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-120066-020
Giải thích chi tiết về linh kiện  Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX11 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120066-020 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-120066-020 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 2Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 3Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200660887
Status:
Active
Overview:
microchange_m12_connectors
Description:
Micro-Change® (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG
TPE Cable, 3.0M (9.84' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
UL
E152210
General
Product Family
Industrial Cordsets
Series
120066
Connector End A
Micro-Change® (M12)
Connector End B
Micro-Change® (M12)
IP Rating
IP68
NEMA Rating
NEMA 6
Overview
microchange_m12_connectors
Product Name
Micro-Change® (M12)
Type
Double Ended
Physical
Cable Diameter
7.14mm (.281")
Cable Length
3.0m (9.84' )
Color - Cable Jacket
Yellow
Coupling Style
Threaded
Gender
Female-Male
Keyway
Single
LED Indicator
No
Material - Cable Jacket
TPE
Material - Connector Body
TPE
Material - Contact
Copper
Material - Coupling Nut
Teflon Nickel-plated Brass
Material - O-Ring
Viton
Material - Plating Mating
Gold over Nickel
Orientation
Straight
Poles
4
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
18
Wire/Cable Type
UL 2250
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V AC/DC
Material Info
Old Part Number
884030K03M030
Reference - Drawing Numbers
Sales Drawing
SD-120066-020
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120066Series
This document was generated on 05/31/2010


Số phần tương tự - SD-120066-020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 )
More results

Mô tả tương tự - SD-120066-020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
1200660895 MOLEX11-1200660895 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable
1200660883 MOLEX11-1200660883 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
1200660881 MOLEX11-1200660881 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
1200660891 MOLEX11-1200660891 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 )
1200660977 MOLEX-1200660977 Datasheet
22Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (90°),18 AWG, Yellow TPE Cable, 3.0m (9.84) Length
10/28/2022
1200660860 MOLEX-1200660860 Datasheet
43Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, PUR Cable, 3.0m (9.84) Length
01/31/2023
1200660690 MOLEX-1200660690 Datasheet
34Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow TPE Cable, 3.0m (9.84) Length
02/01/2023
1300480097 MOLEX-1300480097 Datasheet
28Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 24 AWG, Teal TPE Cable, 3.0m (9.84) Length
01/31/2023
1200661036 MOLEX-1200661036 Datasheet
35Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 18 AWG, Yellow TPE Cable, 3.0m (9.84) Length
02/01/2023
1200800442 MOLEX-1200800442 Datasheet
28Kb / 2P
   Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, TPE Cable, 3.0m (9.84) Length
08/30/2022
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com