công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

93003-3504 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện 93003-3504
Giải thích chi tiết về linh kiện  5.00mm (.197") Pitch Appli-Mate RAST 5 Header
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX11 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

93003-3504 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  93003-3504 Datasheet HTML 1Page - Molex Electronics Ltd. 93003-3504 Datasheet HTML 2Page - Molex Electronics Ltd. 93003-3504 Datasheet HTML 3Page - Molex Electronics Ltd. 93003-3504 Datasheet HTML 4Page - Molex Electronics Ltd. 93003-3504 Datasheet HTML 5Page - Molex Electronics Ltd. 93003-3504 Datasheet HTML 6Page - Molex Electronics Ltd. 93003-3504 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0930033504
Status:
Active
Overview:
rast_5_connector_system
Description:
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, 7 Circuits, Reference
K32 Tin (Sn), Glow Wire Compatible
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
93003
Application
Wire-to-Board
Overview
rast_5_connector_system
Product Name
RAST 5
Physical
Breakaway
No
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Natural
Durability (mating cycles max)
10
First Mate / Last Break
No
Glow-Wire Compliant
Yes
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
No
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.055 In
PCB Thickness Recommended (mm)
1.40 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Polarized to PCB
Yes
Robotic Placement
None
Shrouded
Fully
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
16A
Voltage - Maximum
250V AC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
93003Series


Số phần tương tự - 93003-3504

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
93003-3500 MOLEX11-93003-3500 Datasheet
685Kb / 7P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com