công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-7502 bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện SI-7502
Giải thích chi tiết về linh kiện  5-Phase Stepper Motor Driver ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7502 bảng dữ liệu(HTML) 1 Page - Sanken electric

  SI-7502 Datasheet HTML 1Page - Sanken electric SI-7502 Datasheet HTML 2Page - Sanken electric SI-7502 Datasheet HTML 3Page - Sanken electric SI-7502 Datasheet HTML 4Page - Sanken electric SI-7502 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
104 SI-7502 (SLA5011/SLA6503)
Part No.
Parameter
Symbol
Ratings
Units
Motor supply voltage
VCC
44
V
Auxiliary supply voltage
VS
15
V
Control voltage
Vb
7V
SI-7502
Reference voltage
Vref
1.5
V
Detection voltage
VRS
5V
Power dissipation
PD
1W
Ambient operating temperature
TOP
0 to +65
°C
Drain -Source voltage
VDSS
60
V
Drain current
ID
±5A
SLA5011
Avalanche energy capability (Single pulse)
EAS
2mJ
Power dissipation
PT
35
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−40 to +150
°C
Collector-Base voltage
VCBO
−60
V
Collector-Emitter voltage
VCEO
−60
V
Emitter-Base voltage
VEBO
−6V
Collector current
IC
−3A
SLA6503
Collector current (Pulse)
IC (pulse)
−6A
Base current
IB
−1A
Power dissipation
PT
35
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−40 to +150
°C
sElectrical Characteristics
sAbsolute Maximum Ratings
5-Phase Stepper Motor Driver ICs
SI-7502 (SLA5011/SLA6503)
Pentagon Connection
(Ta=25
°C)
(Ta=25
°C)
Part No.
Parameter
Symbol
Limits
Units
Conditions
min
typ
max
ICC
40
mA
VCC=42V, Vb=5.5V
Supply current
IS
12.5
mA
VS=12.5V
Ib
50
mA
Vb=5.5V
Input current
IIU-L, IIL-L
1.6
mA
VIU=VIL=0.4V
SI-7502
Upper drive circuit drive current
IOU-on
8
11
mA
Vb=5V, AIU to EIU pin open
IOU-off
10
µ AVb=5V
Lower drive circuit voltage
VOL-on
VS
−1.5
V
Vb=5V, AIL to EIL pin open
VOL-off
1.5
V
Vb=5V
Oscillation frequency
F
20
30
kHz
Vb=5V
Detection voltage
VRS
0.8
1.05
V
Vb=5V, VREF pin open
Gate threshold voltage
VTH
2.0
4.0
V
VDS=10V, ID=250
µ A
Forward Transconductance
Re (yts)
2.2
3.3
S
VDS=10V, ID=5A
DC ON-resistance
RDS (ON)
0.17
0.22
VGS=10V, ID=5A
SLA5011
Input capacitance
CISS
300
pF
VDS=25V, f=1.0MHz,VGS=0V
Output capacitance
COSS
160
pF
Di forward voltage between source and drain
VSD
1.1
1.5
V
ISD=5A
Di reverse recovery time between source and drain
trr
150
ns
ISD=
±100mA
Collector cut-off current
ICBO
−10
µ AVCB=−60V
SLA6503
Collector-emitter voltage
VCEO
−60
V
IC=
−10mA
DC current gain
hFE
2000
VCE=
−4V, IC=−3A
Collector emitter saturation voltage
VCE (sat)
1.5
V
IC=
−3A, IB=−6mA


Số phần tương tự - SI-7502

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-7500 SANKEN-SI-7500 Datasheet
52Kb / 4P
   5-phase Stepper Motor Star Connection Unipolar Driver IC
SI-7500A SANKEN-SI-7500A Datasheet
52Kb / 4P
   5-phase Stepper Motor Star Connection Unipolar Driver IC
More results

Mô tả tương tự - SI-7502

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-7600 SANKEN-SI-7600 Datasheet
41Kb / 5P
   3-Phase Stepper Motor Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Shindengen Electric Mfg...
MTD1361F SHINDENGEN-MTD1361F Datasheet
92Kb / 4P
   Stepper Motor Driver ICs
logo
Sanken electric
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SPF7211 SANKEN-SPF7211 Datasheet
44Kb / 2P
   2-ph Stepper-motor Driver ICs
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com