công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-7330 bảng dữ liệu(PDF) 3 Page - Sanken electric

tên linh kiện SI-7330
Giải thích chi tiết về linh kiện  Unipolar Driver ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7330 bảng dữ liệu(HTML) 3 Page - Sanken electric

  SI-7330 Datasheet HTML 1Page - Sanken electric SI-7330 Datasheet HTML 2Page - Sanken electric SI-7330 Datasheet HTML 3Page - Sanken electric SI-7330 Datasheet HTML 4Page - Sanken electric SI-7330 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
31
SI-7300 and SI-7330A
Application Note
s Determining the output
current IO (motor coil current)
The output current, lo is fixed by the following circuit ele-
ments:
RS
:
Current detection resistor
VCC2 :
Supply voltage
RX
:
Variable current resistor
To operate a motor at maximum current level, set Rx =
infinity (open). Based on the specifications of SI-7300A, its
output current lo can be seen as:
lo (rms value): 535 to 625 mA
To compute lo when different values are used for Rs and
VCC2, use the approximation formula below. The maximum
ripple value IOH of the output current waveform can be
computed as follows:
1
lOH(max) =
(0.233•VCC2–0.026) [A]
RS
1
lOH(min) =
(0.214•VCC2–0.021) [A]
RS
The graph of this equation is shown below.
.
.
.
.
s Power down mode
The SI-7300A can be operated in power down mode. The
circuit is shown below. When transistor Tr is switched on,
the reference voltage drops and the output current can be
decreased.
Waveform of output current
IOH
Rx
Tr
2
SI-7300A
SI-7300A Pull-out torque
τout
vs. Response frequency
500
1000
5000
0
1
2
3
4
5
Motor
23PM-C108
VCC1=30V
IO=1.2A/
(Fixed)
2-phase excitation
VZ=60V
Response frequency f (pps)
φ
s Example of a Frequency vs.
Torque characteristic
The graph shows the relation-
ship between frequency and
pull-out torque of SI-7300A.
4
3
2
01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
4
3
2
01
0
1
2
3
SI-7300A Output current IOH vs. Current detection resistor Rs
Current detection resistor Rs (
Ω)
SI-7330A Output current IOH vs. Current detection resistor Rs
max
V
CC2=5V
min
V
CC2=5V
IOH(max)
1
Rs
(0.233VCC2–0.026)
IOH(min)
1
Rs
(0.214VCC2–0.021)
Current detection resistor Rs (
Ω)
4
3
2
01
0
1
2
3
Variable current resistor Rx (k
Ω)
4
3
2
01
0
0.2
1.0
1.6
Variable current resistor Rx (k
Ω)
1.4
1.2
0.8
0.4
0.6
SI-7300A Output current IOH vs. Variable current resistor RX
max Rs
= 0.7
min
max Rs
= 1Ω
min
SI-7330A Output current IOH vs. Variable current resistor RX
Rs = 0.3
Rs = 0.8Ω
IOH(max) 1
Rs
1.131
4.843+ 4.9
Rx
VCC2 – 0.026
IOH(min)
1
Rs
1.107
5.165+ 5.1
Rx
VCC2 – 0.021
*Rx : kΩ


Số phần tương tự - SI-7330

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-7321M SANKEN-SI-7321M Datasheet
238Kb / 19P
   Unipolar 2-Phase Microstepping Motor Driver IC
More results

Mô tả tương tự - SI-7330

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SI-7115B SANKEN-SI-7115B Datasheet
41Kb / 5P
   Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Rohm
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com