công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74040-1343 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện 74040-1343
Giải thích chi tiết về linh kiện  2.00mm (.079") Pitch 8-Row VHDM??DaugherCard, 25 Wafers, 200 Circuits, Tin LeadGuide Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX8 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74040-1343 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  74040-1343 Datasheet HTML 1Page - Molex Electronics Ltd. 74040-1343 Datasheet HTML 2Page - Molex Electronics Ltd. 74040-1343 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740401343
Status:
Active
Overview:
vhdm
Description:
2.00mm (.079") Pitch 8-Row VHDM™ DaugherCard, 25 Wafers, 200 Circuits, Tin Lead,
Guide Module
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-74031-999 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
74040
Application
Backplane
Comments
Daughter Card
Component Type
PCB Header
Overview
vhdm
Product Name
VHDM®
Style
N/A
Physical
Circuits (Loaded)
200
Circuits (maximum)
200
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
N/A
Material - Metal
Copper Alloy
Material - Plating Mating
Tin-Lead
Material - Plating Termination
Gold
Material - Resin
High Performance Thermoplastic
Number of Columns
25
Number of Pairs
N/A
Number of Rows
8
Orientation
Right Angle
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Polarized to PCB
No
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +80°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74040Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
VHDM® and
VHDM-HSD™ Card
Stiffener Removal
Tool
0622016200
GbX VHDM® and
VHDM-HSD™
Insertion Module
0622020214


Số phần tương tự - 74040-1343

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
74040-1344 MOLEX8-74040-1344 Datasheet
336Kb / 3P
   2.00mm (.079") Pitch 8-Row VHDM??DaugherCard, 45 Wafers, 360 Circuits, Tin Lead,Guide Module
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com