công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74058-2521 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện 74058-2521
Giải thích chi tiết về linh kiện  2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-Row, PinEnd Version, 150 Circuits, Pin Length 4.75mm (.187")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX8 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74058-2521 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  74058-2521 Datasheet HTML 1Page - Molex Electronics Ltd. 74058-2521 Datasheet HTML 2Page - Molex Electronics Ltd. 74058-2521 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740582521
Status:
Active
Overview:
vhdm
Description:
2.00mm (.079") Pitch VHDM® Board-to-Board Backplane Header, Vertical, 6-Row, Pin
End Version, 150 Circuits, Pin Length 4.75mm (.187")
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Backplane Connectors
Series
74058
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Keying Postion B
Component Type
PCB Header
Overview
vhdm
Product Name
VHDM®
Style
N/A
Physical
Circuits (Loaded)
150
Circuits (maximum)
150
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Beryllium Copper, High Performance Alloy (HPA),
Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Vertical
PC Tail Length (in)
0.098 In
PC Tail Length (mm)
2.50 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.071 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
1.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74058Series
Mates With
74030 VHDM® Board-to-Board
Daughtercard Receptacle
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Flat Rock Tooling for
Pneumatic Press
0622013700
VHDM® Signal Pin
Inserter Repair Tool
0622015700
VHDM® 6 Row Pin
and Shield Repair
Tool
0622015800


Số phần tương tự - 74058-2521

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
74058-2522 MOLEX8-74058-2522 Datasheet
215Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-Row, PinEnd Version, 150 Circuits, Pin Length 6.25mm (.246")
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com