công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74320-9014 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện 74320-9014
Giải thích chi tiết về linh kiện  MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, Gold Flash, Lead Free, Screw
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX8 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-9014 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  74320-9014 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-9014 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-9014 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-9014 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0743209014
Status:
Active
Description:
MicroCross™ DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,
Through Hole, Right Angle, with Beveled Metal Pins, Gold Flash, Lead Free, Screw
Hole, 4-40 Thread, 29 Circuits
Documents:
Drawing (PDF)
Product Specification PS-74320-001 (PDF)
Test Summary (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
I/O Connectors
Series
74320
Application
Wire-to-Board
Comments
DDWG (Digital Display Working Group) Standard
Component Type
Receptacle
Product Name
MicroCross™DVI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Natural
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
3
Orientation
Right Angle
PC Tail Length (in)
0.092 In
PC Tail Length (mm)
2.34 mm
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.075 In
Pitch - Mating Interface (mm)
1.91 mm
Pitch - Term. Interface (in)
0.075 In
Pitch - Term. Interface (mm)
1.91 mm
Plating min: Mating (µin)
2, 30
Plating min: Mating (µm)
0.05, 0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +85°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74320Series
Mates With
88744 , 74323
Use With
71781 Panel Mount Hex Screw Kit


Số phần tương tự - 74320-9014

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MolexKits
74320-9010 MOLEXKITS-74320-9010 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Molex Electronics Ltd.
74320-9010 MOLEX8-74320-9010 Datasheet
259Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關") Gold (Au), Lead
logo
MolexKits
74320-9010 MOLEXKITS-74320-9010 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results

Mô tả tương tự - 74320-9014

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0743209010 MOLEX8-0743209010 Datasheet
259Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關") Gold (Au), Lead
0743203004 MOLEX8-0743203004 Datasheet
226Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Vertical, Gold Flash, Lead Free, Screw Hole, 4-40 Thread, 29 Circuits
0743201304 MOLEX8-0743201304 Datasheet
212Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, with Shielding, with Beveled Metal Pins, Gold(Au) Flash Plating, 2.34mm
0743209010 MOLEX1-0743209010_18 Datasheet
32Kb / 2P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,Through Hole, Right-Angle, with Beveled Metal Pins, 0.76m Gold (Au), Lead-Free,Screw Hole, 4-40 Thread, 29 Circuits
0743209034 MOLEX8-0743209034 Datasheet
212Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, PanelMount,Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092") P.C. Tail Length, with Beveled Metal Pins
0743209043 MOLEX8-0743209043 Datasheet
207Kb / 4P
   MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Through Hole, Right Angle, with Beveled Metal
0743209004 MOLEX8-0743209004 Datasheet
213Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, ATX with Beveled Metal Pins, Right Angle, Gold (Au) Flash, 2.34mm (.092")
0743201003 MOLEX8-0743201003 Datasheet
249Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, 3.12mm
0743209024 MOLEX8-0743209024 Datasheet
195Kb / 4P
   MicroCross??DVI-I Digital Interface, PCB Receptacle, Panel Mount, Through Hole,Right Angle, ATX with Beveled Metal Pins, Gold (Au) Flash,with 4.75mm (.187") Jack
0743209004 MOLEX1-0743209004_18 Datasheet
35Kb / 2P
   MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Through Hole, ATX with Beveled Metal Pins, Right-Angle, Gold (Au) Flash, 2.34mm Solder Tail Length, Screw Hole, 4-40 Thread, 24 Circuits, Lead-Free
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com