công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54297-9131 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện 54297-9131
Giải thích chi tiết về linh kiện  HMC??Rectangular Industrial Female Terminal, 54297, 12 AWG, White Retainer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX7 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54297-9131 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  54297-9131 Datasheet HTML 1Page - Molex Electronics Ltd. 54297-9131 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0542979131
Status:
Active
Overview:
minihmc
Description:
HMC™ Rectangular Industrial Female Terminal, 54297, 12 AWG, White Retainer
Documents:
3D Model
Product Specification PS-54478-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
54297
Crimp Quality Equipment
Yes
Overview
minihmc
Product Name
HMC™
Physical
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Silver
Packaging Type
Bag
Wire Insulation Diameter
5.00mm (.197") max.
Wire Size AWG
12
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-54478-001
Sales Drawing
SD-54297-9***
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54297Series
Mates With
55125
Use With
54479 housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Japan
Description
Product #
Hand Extraction Tool 0573886000
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - 54297-9131

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
54297-9231 MOLEX7-54297-9231 Datasheet
96Kb / 2P
   HMC??Rectangular Industrial Female Terminal, 54297, 10 AWG, Black Retainer
More results

Mô tả tương tự - 54297-9131

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0542979231 MOLEX7-0542979231 Datasheet
96Kb / 2P
   HMC??Rectangular Industrial Female Terminal, 54297, 10 AWG, Black Retainer
0551254131 MOLEX7-0551254131 Datasheet
90Kb / 2P
   HMC??Rectangular Industrial Male Terminal 55125, 12 AWG, White Retainer
0542969431 MOLEX7-0542969431 Datasheet
102Kb / 3P
   HMC??Rectangular Industrial Female Terminal, 54296, 16 AWG, White Retainer
0551244431 MOLEX7-0551244431 Datasheet
108Kb / 3P
   HMC??Rectangular Industrial Terminal 55124, 16 AWG, White Retainer
0542969331 MOLEX7-0542969331 Datasheet
102Kb / 3P
   HMC??Rectangular Industrial Female Terminal, 54296, 18 AWG, Blue Retainer
0542969131 MOLEX7-0542969131 Datasheet
102Kb / 3P
   HMC??Rectangular Industrial Female Terminal, 54296, 22-26 AWG, Red Retainer
0551244331 MOLEX7-0551244331 Datasheet
108Kb / 3P
   HMC??Rectangular Industrial Terminal 55124, 18 AWG, Blue Retainer
0551254231 MOLEX7-0551254231 Datasheet
90Kb / 2P
   HMC??Rectangular Industrial Terminal 55125, 10 AWG, Black Retainer
0551244131 MOLEX7-0551244131 Datasheet
108Kb / 3P
   HMC??Rectangular Industrial Terminal 55124, 22-26 AWG, Red Retainer
0593190028 MOLEX7-0593190028 Datasheet
112Kb / 3P
   HMC??Rectangular Industrial Female Terminal, Multi-Module Type, Reel
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com