công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-44067-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-44067-001
Giải thích chi tiết về linh kiện  3.00mm (.118") Pitch Micro-Fit 3.0 Wire-to-Board Header, Dual Row, Vertical for up to 3.56mm (.140")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX6 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44067-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-44067-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44067-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44067-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0440670801
Status:
Active
Overview:
microfit_30
Description:
3.00mm (.118") Pitch Micro-Fit 3.0™ Wire-to-Board Header, Dual Row, Vertical for up
to 3.56mm (.140") Thick PCB, 8 Circuits, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-43045 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
44067
Application
Wire-to-Board
Comments
High Temperature, Polarization Key to PCB
Overview
microfit_30
Product Name
Micro-Fit 3.0™
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.158 In
PC Tail Length (mm)
4.01 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.140 In
PCB Thickness Recommended (mm)
3.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Pitch - Term. Interface (in)
0.118 In
Pitch - Term. Interface (mm)
3.00 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Kinked Pin
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44067Series
Mates With
43025 Micro-Fit™ Header


Số phần tương tự - SD-44067-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-44067-001 MOLEX6-SD-44067-001 Datasheet
216Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Wire-to-Board Header
SD-44067-001 MOLEX6-SD-44067-001 Datasheet
216Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Wire-to-Board Header
SD-44067-001 MOLEX6-SD-44067-001 Datasheet
216Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Wire-to-Board Header, Dual Row, Vertical for up to 3.56mm (.140")
SD-44067-001 MOLEX6-SD-44067-001 Datasheet
216Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Wire-to-Board Header, Dual Row, Vertical for up to 3.56mm
SD-44067-001 MOLEX6-SD-44067-001 Datasheet
216Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Wire-to-Board Header, Dual Row, Vertical for up to 3.56mm (.140") Thick PCB
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com