công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SD-45985-400 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-45985-400 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd. |
1 / 7 page This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0459854133 Status: Active Overview: extreme_lphpower Description: 1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower™ Header, Right Angle, 4 Power Contacts, 20 Signal Contacts, Select Gold (Au) Plating, for 1.57mm (.062") Thick PC Board Documents: 3D Model Product Specification PS-45984-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 TUV 30683046 UL E29179 General Product Family PCB Headers Series 45985 Application Board-to-Board Overview extreme_lphpower Product Name EXTreme LPHPower™ Physical Breakaway No Circuits (Loaded) 24 Circuits (maximum) 24 Circuits Detail 4 Power, 20 Signal Color - Resin Black Durability (mating cycles max) 250 First Mate / Last Break Yes Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part No Material - Metal Brass, High Performance Alloy (HPA) Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Right Angle PC Tail Length (in) 0.114 In PC Tail Length (mm) 2.90 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.57 mm Packaging Type Tray Pitch - Mating Interface (in) 0.050 In, 0.472 In Pitch - Mating Interface (mm) 1.27 mm, 12.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 150, 50 Plating min: Termination (µm) 1.25, 3.75 Polarized to Mating Part Yes Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 45985Series Mates With 45984 EXTreme LPHPower™ PCB Receptacles |
Số phần tương tự - SD-45985-400 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |