công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-44282-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-44282-001
Giải thích chi tiết về linh kiện  Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX6 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44282-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-44282-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44282-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44282-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44282-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0442820001
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
Documents:
3D Model
Product Specification PS-43743-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
44282
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
N/A
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Grounding to Panel
Yes
Shielded
Yes
Voltage - Maximum
125V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44282Series
Mates With
FCC 68 Plugs


Số phần tương tự - SD-44282-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-44282-001 MOLEX6-SD-44282-001 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
More results

Mô tả tương tự - SD-44282-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0442821004 MOLEX6-0442821004 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0855425001 MOLEX9-0855425001 Datasheet
129Kb / 3P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820010 MOLEX6-0442820010 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820007 MOLEX6-0442820007 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820004 MOLEX6-0442820004 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0855025008 MOLEX9-0855025008 Datasheet
142Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/8
0441440003 MOLEX6-0441440003 Datasheet
230Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/8
0437438101 MOLEX6-0437438101 Datasheet
228Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/8
0446610021 MOLEX1-0446610021_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8
0955406886 MOLEX11-0955406886 Datasheet
136Kb / 3P
   Modular Jack, Right Angle, Shielded, Low Profile, 8/8
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com