công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-44769-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-44769-001
Giải thích chi tiết về linh kiện  3.00mm (.118") Pitch Micro-Fit 3.0, BMI Receptacle Header, Dual Row, Vertical, with Press-fit Plastic Pegs, 0.38um
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX6 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44769-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-44769-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44769-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44769-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0447690802
Status:
Active
Overview:
microfit_30
Description:
3.00mm (.118") Pitch Micro-Fit 3.0, BMI™ Receptacle Header, Dual Row, Vertical, with
Press-fit Plastic Pegs, 0.38µm (15µ") Gold (Au) Selective, 8 Circuits
Documents:
3D Model
Product Specification PS-44300-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Receptacles
Series
44769
Application
Board-to-Board, Wire-to-Board
Overview
microfit_30
Product Literature Order No
USA-106
Product Name
Micro-Fit 3.0 BMI™
Physical
Circuits (Loaded)
8
Color - Resin
Black
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44769Series
Mates With
44428 , 44300 , 44432


Số phần tương tự - SD-44769-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-44769-001 MOLEX6-SD-44769-001 Datasheet
153Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0, BMI Receptacle Header, Dual Row, Vertical, with Press-fit Plastic Pegs, 2.54um
SD-44769-001 MOLEX6-SD-44769-001 Datasheet
153Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0, BMI Receptacle Header, Dual Row, Vertical, with Press-fit Plastic Pegs, 0.38um
SD-44769-001 MOLEX6-SD-44769-001 Datasheet
153Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0, BMI Receptacle Header, Dual Row, Vertical, with Press-fit Plastic Pegs
SD-44769-001 MOLEX6-SD-44769-001 Datasheet
153Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0, BMI Receptacle Header, Dual Row, Vertical, with Press-fit Plastic Pegs
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com