công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-47038-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-47038-001
Giải thích chi tiết về linh kiện  4.00mm (.157") Pitch Pogo Speaker Connector, Height: 2.20mm (.087"), Overall 1.0um (40u") Gold over 3-5um Nickel Plating, 2 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX6 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47038-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-47038-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47038-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47038-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0470380041
Status:
Active
Overview:
pogo_pins
Description:
4.00mm (.157") Pitch Pogo Speaker Connector, Height: 2.20mm (.087"), Overall 1.0µm
(40µ") Gold over 3-5µm Nickel Plating, 2 Circuits
Documents:
3D Model
Product Specification PS-47038-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
47038
Application
Board-to-Board
Comments
Action Height: 1.65mm (.065")
Overview
pogo_pins
Product Name
PoGo Pin
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Durability (mating cycles max)
2,000
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
None
Mated Height (in)
0.079 In
Mated Height (mm)
2.00 mm
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.157 In
Pitch - Mating Interface (mm)
4.00 mm
Pitch - Term. Interface (in)
0.157 In
Pitch - Term. Interface (mm)
4.00 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
12V DC
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47038Series


Số phần tương tự - SD-47038-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-47018-001 MOLEX6-SD-47018-001 Datasheet
204Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.30mm
SD-47019-002 MOLEX6-SD-47019-002 Datasheet
193Kb / 4P
   2.54mm (.100") Pitch SIM Card Connector, 6 Circuits, Housing Height 1.50mm (.059"), Lead Free
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com