công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KM4132G271BTQR-8 bảng dữ liệu(PDF) 9 Page - Samsung semiconductor |
|
KM4132G271BTQR-8 bảng dữ liệu(HTML) 9 Page - Samsung semiconductor |
9 / 51 page KM4132G271B CMOS SGRAM - 9 - Rev. 2.4 (May 1998) OPERATING AC PARAMETER 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then rounding off to the next higher integer. 2. Minimum delay is required to complete write. 3. This parameter means minimum CAS to CAS delay at block write cycle only. 4. In case of row precharge interrupt, auto precharge and read burst stop. Note : (AC operating conditions unless otherwise noted) Parameter Symbol Version Unit Note -7 -8 -10 Row active to row active delay tRRD(min) 14 16 20 ns 1 RAS to CAS delay tRCD(min) 16 16 20 ns 1 Row precharge time tRP(min) 21 20 20 ns 1 Row active time tRAS(min) 49 48 50 ns 1 tRAS(max) 100 us Row cycle time tRC(min) 70 70 70 ns 1 Last data in to new col. address delay tCDL(min) 1 CLK 2 Last data in to row precharge tRDL(min) 1 CLK 2 Last data in to burst stop tBDL(min) 1 CLK 2 Col. address to col. address delay tCCD(min) 1 CLK 3 Block write data-in to PRE command delay tBPL(min) 1 CLK Block write cycle time tBWC(min) 1 CLK 1, 3 Number of valid output data CAS latency=3 2 CLK 4 CAS latency=2 1 |
Số phần tương tự - KM4132G271BTQR-8 |
|
Mô tả tương tự - KM4132G271BTQR-8 |