công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-47272-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-47272-001
Giải thích chi tiết về linh kiện  0.50mm (.020") Pitch DisplayPort* Male Receptacle
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX6 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47272-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-47272-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47272-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47272-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-47272-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-47272-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-47272-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-47272-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-47272-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-47272-001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0472721005
Status:
Active
Overview:
displayport
Description:
0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, 0.76µm (30µ")
Gold (Au) Plating, 20 Circuits, without Cover or Mylar, with Flange, Latch Holes, Peg
and SMT Tab of Shell, Leadfree
Documents:
3D Model
Product Specification PS-47272-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
I/O Connectors
Series
47272
Application
Wire-to-Board
Comments
SMT Peg of Shell
Component Type
Receptacle
Overview
displayport
Product Name
DisplayPort*
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Flammability
94V-0
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Bismuth
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Panel Mount
With Flange
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
0.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47272Series
Mates With
47271 Plug Sub-Assemblies, 68783 Cable
Series


Số phần tương tự - SD-47272-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-47272-001 MOLEX6-SD-47272-001 Datasheet
766Kb / 10P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, 0.76um (30u") Gold (Au) Plating, 20 Circuits
SD-47272-001 MOLEX6-SD-47272-001 Datasheet
766Kb / 10P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, 0.76um (30u") Gold (Au) Plating, 20 Circuits, without Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com