công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14555 bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC14555
Giải thích chi tiết về linh kiện  PCM Codec-Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14555 bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC14555 Datasheet HTML 1Page - Motorola, Inc MC14555 Datasheet HTML 2Page - Motorola, Inc MC14555 Datasheet HTML 3Page - Motorola, Inc MC14555 Datasheet HTML 4Page - Motorola, Inc MC14555 Datasheet HTML 5Page - Motorola, Inc MC14555 Datasheet HTML 6Page - Motorola, Inc MC14555 Datasheet HTML 7Page - Motorola, Inc MC14555 Datasheet HTML 8Page - Motorola, Inc MC14555 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC145554
•MC145557•MC145564•MC145567
MOTOROLA
4
serial PCM word, clocked by BCLKX, out of DX. If the FSX
pulse is high for more than eight BCLKX periods, the DX and
TSX outputs will remain in a low–impedance state until FSX
is brought low. The length of the FSX pulse is used to deter-
mine whether the transmit and receive digital I/O conforms to
the Short Frame Sync or to the Long Frame Sync conven-
tion.
TSX
Transmit Time Slot Indicator
This is an open–drain output that goes low whenever the
DX output is in a low–impedance state (i.e., during the trans-
mit time slot when the PCM word is being output) for en-
abling a PCM bus driver.
ANLB
Analog Loopback Control Input (MC145564/67 Only)
When held high, this pin causes the input of the transmit
RC active filter to be disconnected from GSX and connected
to VPO + for analog loopback testing. This pin is held low in
normal operation.
ANALOG
GSX
Gain–Setting Transmit
This output of the transmit gain–adjust operational amplifi-
er is internally connected to the encoder section of the
device. It must be used in conjunction with VFXI– and VFXI+
to set the transmit gain for a maximum signal amplitude of
2.5 V peak. This output can drive a 600
Ω load to 2.5 V peak.
VFXI–
Voice–Frequency Transmit Input (Inverting)
This is the inverting input of the transmit gain–adjust
operational amplifier.
VFXI+
Voice–Frequency Transmit Input
(Non–Inverting)
This is the non–inverting input of the transmit gain–adjust
operational amplifier.
VFRO
Voice–Frequency Receive Output
This receive analog output is capable of driving a 600
load to 2.5 V peak.
VPI
Voltage Power Input (MC145564/67 Only)
This is the inverting input to the first receive power ampli-
fier. Both of the receive power amplifiers can be powered
down by connecting this input to VBB.
VPO –
Voltage Power Output (Inverted) (MC145564/67 Only)
This inverted output of the receive push–pull power ampli-
fiers can drive 300
Ω to 3.3 V peak.
VPO +
Voltage Power Output (Non–Inverted)
(MC145554/67 Only)
This non–inverted output of the receive push–pull power
amplifier pair can drive 300
Ω to 3.3 V peak.
POWER SUPPLY
GNDA
Analog Ground
This terminal is the reference level for all signals, both ana-
log and digital. It is 0 V.
VCC
Positive Power Supply
VCC is typically 5 V.
VBB
Negative Power Supply
VBB is typically – 5 V.
FUNCTIONAL DESCRIPTION
ANALOG INTERFACE AND SIGNAL PATH
The transmit portion of these codec–filters includes a low–
noise gain setting amplifier capable of driving a 600
Ω load.
Its output is fed to a three–pole anti–aliasing pre–filter. This
pre–filter incorporates a two–pole Butterworth active low–
pass filter, and a single passive pole. This pre–filter is fol-
lowed by a single ended–to–differential converter that is
clocked at 256 kHz. All subsequent analog processing uti-
lizes fully differential circuitry. The next section is a fully–dif-
ferential, five–pole switched capacitor low–pass filter with a
3.4 kHz passband. After this filter is a 3–pole switched–ca-
pacitor high–pass filter having a cutoff frequency of about
200 Hz. This high–pass stage has a transmission zero at dc
that eliminates any dc coming from the analog input or from
accumulated operational amplifier offsets in the preceding fil-
ter stages. The last stage of the high–pass filter is an auto-
zeroed sample and hold amplifier.
One bandgap voltage reference generator and digital–to–
analog converter (DAC) are shared by the transmit and
receive sections. The autozeroed, switched–capacitor band-
gap reference generates precise positive and negative refer-
ence voltages that are independent of temperature and
power supply voltage. A binary–weighted capacitor array
(CDAC) forms the chords of the companding structure, while
a resistor string (RDAC) implements the linear steps within
each chord. The encode process uses the DAC, the voltage
reference, and a frame–by–frame autozeroed comparator to
implement a successive–approximation conversion algo-
rithm. All of the analog circuitry involved in the data con-
version — the voltage reference, RDAC, CDAC, and
comparator — are implemented with a differential architec-
ture.
The receive section includes the DAC described above, a
sample and hold amplifier, a five–pole 3400 Hz switched
capacitor low–pass filter with sinX/X correction, and a two–
pole active smoothing filter to reduce the spectral com-
ponents of the switched capacitor filter. The output of the
smoothing filter is a power amplifier that is capable of driving
a 600
Ω load. The MC145564 and MC145567 add a pair of
power amplifiers that are connected in a push–pull configu-
ration; two external resistors set the gain of both of the


Số phần tương tự - MC14555

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14555 MOTOROLA-MC14555 Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555 ONSEMI-MC14555 Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
LANSDALE Semiconductor ...
MC145554DW LANSDALE-MC145554DW Datasheet
1Mb / 18P
   PCM Codec-Filter
MC145554DW LANSDALE-MC145554DW Datasheet
284Kb / 18P
   PCM Codec-Filter
MC145554P LANSDALE-MC145554P Datasheet
1Mb / 18P
   PCM Codec-Filter
More results

Mô tả tương tự - MC14555

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com