công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14554B bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC14554B
Giải thích chi tiết về linh kiện  2-Bit by 2-Bit Parallel Binary Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14554B bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC14554B Datasheet HTML 1Page - Motorola, Inc MC14554B Datasheet HTML 2Page - Motorola, Inc MC14554B Datasheet HTML 3Page - Motorola, Inc MC14554B Datasheet HTML 4Page - Motorola, Inc MC14554B Datasheet HTML 5Page - Motorola, Inc MC14554B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14554B
2-Bit by 2-Bit Parallel
Binary Multiplier
The MC14554B 2 x 2–bit parallel binary multiplier is constructed with
complementary MOS (CMOS) enhancement mode devices. The multiplier
can perform the multiplication of two binary numbers and simultaneously add
two other binary numbers to the product. The MC14554B has two
multiplicand inputs (X0 and X1), two multiplier inputs (Y0 and Y1), five
cascading or adding inputs (K0, K1, M0, M1, and M2), and five sum and
carry outputs (S0, S1, S2, C1 [S3], and C0). The basic multiplier can be
expanded into a straightforward m–bit by n–bit parallel multiplier without
additional logic elements.
Application areas include arithmetic processing (multiplying/adding,
obtaining square roots, polynomial evaluation, obtaining reciprocals, and
dividing), Fast Fourier Transform processing, digital filtering, communica-
tions (convolution and correlation), and process and machine controls.
• Diode Protection on All Inputs
• All Outputs Buffered
• Straight–forward m–Bit By n–Bit Expansion
• No Additional Logic Elements Needed for Expansion
• Multiplies and Adds Simultaneously
• Positive Logic Design
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–Power TTL Loads or One Low–Power
Schottky TTL Load Over the Rated Temperature Range
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
K0
X1
X0
Y0
VDD
S1
K1
S0
C0
M1
M0
Y1
VSS
S2
C1 (S3)
M2
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14554B
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, pre-
cautions must be taken to avoid applications of
any voltage higher than maximum rated volt-
ages to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD). Unused outputs must be left open.
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
S = (X x Y) + K + M
Where:
x Means Arithmetic Times.
+ Means Arithmetic Plus.
S = S3 S2 S1 S0, X = X1X0, Y = Y1Y0,
K = K1 K0, M = M1 M0 (Binary Numbers).
Example:
Given: X = 2(1), Y = 3(11)
K = 1(01), M = 2(10)
Then:
S = (2 x 3) + 1 + 2 = 9
S = (10 x 11) + 01 + 10 = 1001
EQUATIONS
NOTE: C0 connected to M2 for this size
multiplier. See general expansion
diagram for other size multipliers.


Số phần tương tự - MC14554B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
More results

Mô tả tương tự - MC14554B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
9344 ETC1-9344 Datasheet
304Kb / 5P
   BINARY (4-BIT BY 2-BIT) FULL MULTIPLIER
logo
Texas Instruments
SN54LS261 TI-SN54LS261 Datasheet
336Kb / 7P
[Old version datasheet]   2-BIT BY 4-BIT PARALLEL BINARY MULTIPLIERS
logo
National Semiconductor ...
DM93S43 NSC-DM93S43 Datasheet
108Kb / 4P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
List of Unclassifed Man...
93S43 ETC1-93S43 Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
Texas Instruments
SN54284 TI-SN54284 Datasheet
113Kb / 4P
[Old version datasheet]   4-BIT BY 4-BIT PARALLEL BINARY MULTIPLIERS
logo
National Semiconductor ...
F100183 NSC-F100183 Datasheet
327Kb / 12P
   2 X 8-BIT RECODE MULTIPLIER
logo
Texas Instruments
SN54LS681 TI-SN54LS681 Datasheet
327Kb / 9P
[Old version datasheet]   4-BIT PARALLEL BINARY ACCUMULATORS
logo
Zarlink Semiconductor I...
PDSP16116 ZARLINK-PDSP16116 Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMU08 LODEV-LMU08 Datasheet
176Kb / 7P
   8 x 8-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com