công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145532L bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC145532L
Giải thích chi tiết về linh kiện  ADPCM Transcoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145532L bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC145532L Datasheet HTML 1Page - Motorola, Inc MC145532L Datasheet HTML 2Page - Motorola, Inc MC145532L Datasheet HTML 3Page - Motorola, Inc MC145532L Datasheet HTML 4Page - Motorola, Inc MC145532L Datasheet HTML 5Page - Motorola, Inc MC145532L Datasheet HTML 6Page - Motorola, Inc MC145532L Datasheet HTML 7Page - Motorola, Inc MC145532L Datasheet HTML 8Page - Motorola, Inc MC145532L Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MC145532
MOTOROLA
1
ADPCM Transcoder
Conforms to G.721–1988 and T1.301–1987
The MC145532 Adaptive Differential Pulse Code Modulation (ADPCM)
Transcoder provides a low–cost, full–duplex, single–channel transcoder to
(from) a 64 kbps PCM channel from (to) either a 16 kbps, 24 kbps, 32 kbps, or
64 kbps channel.
• Complies with CCITT Recommendation G.721–1988
• Complies with the American National Standard (T1.301–1987)
• Full–Duplex, Single–Channel Operation
• Mu–Law or A–Law Coding is Pin Selectable
• Synchronous or Asynchronous Operation
• Easily Interfaces with Any Member of Motorola’s PCM Codec–Filter
Mono–Circuit Family or Other Industry Standard Codec
• Serial PCM and ADPCM Data Transfer Rate from 64 kbps to 5.12 Mbps
• Power–Down Capability for Low Current Consumption
• The Reset State, an Option Specified in the Standards, is Automatically
Initiated When the RESET Pin is Released
• Simple Time Slot Assignment Timing for Transcoder Applications
• Single 5 V Power Supply
• 16–Pin Package
• The MC145536EVK is the Evaluation Platform for the MC145532 and Also
Includes the MC145480 5 V PCM Codec–Filter
BLOCK DIAGRAM
MODE
DDO
DOE
DDC
DDI
DIE
VSS
APD
S REG
S REG
S REG
S REG
REG
REG
LATCH
LATCH
I/O DATA BUS
DIGITAL
SIGNAL
PROCESSOR
EDO
EDE
EDC
EDI
EIE
RESET
SPC
VDD
Order this document
by MC145532/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC145532
DW SUFFIX
SOG PACKAGE
CASE 751G
L SUFFIX
CERAMIC PACKAGE
CASE 620
ORDERING INFORMATION
MC145532DW SOG Package
MC145532L
Ceramic Package
16
1
16
1
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
EDI
EDC
EOE
EDO
VDD
APD
SPC
EIE
DDC
DOE
DDO
MODE
VSS
RESET
DIE
DDI
© Motorola, Inc. 1995
REV 1
9/95 (Replaces NP470)


Số phần tương tự - MC145532L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14553 MOTOROLA-MC14553 Datasheet
231Kb / 8P
   3-Digit BCD Counter
MC145537 MOTOROLA-MC145537 Datasheet
36Kb / 4P
   MC14LC5540 ADPCM Codec Evaluation Kit
MC145537EVK MOTOROLA-MC145537EVK Datasheet
36Kb / 4P
   MC14LC5540 ADPCM Codec Evaluation Kit
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
More results

Mô tả tương tự - MC145532L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
   CMOS Quad ADPCM Transcoder
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
logo
OKI electronic componet...
MSM6981-01 OKI-MSM6981-01 Datasheet
133Kb / 15P
   32 kbps ADPCM TRANSCODER
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
logo
Zarlink Semiconductor I...
ZL38010 ZARLINK-ZL38010 Datasheet
516Kb / 27P
   Low Power Quad ADPCM Transcoder
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
   ITU-T G.721 ADPCM TRANSCODER
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
OKI electronic componet...
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
   ITU-T G.721 4ch ADPCM TRANSCODER
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com