công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D-754 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện D-754
Giải thích chi tiết về linh kiện  NylaKrimp??Butt Splice for 8 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX4 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

D-754 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  D-754 Datasheet HTML 1Page - Molex Electronics Ltd. D-754 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192020054
Status:
Active
Description:
NylaKrimp™ Butt Splice for 8 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19202
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt, NylaKrimp™
Physical
Barrel Type
Closed - Brazed
Flammability
94V-2
Insulation
Nylon (PA)
Packaging Type
Bag
Temperature Range - Operating
-55°C to +105°C
Wire Insulation Diameter
6.73mm (.265") max
Wire Size AWG
8
Wire Size mm²
6.60 - 10.5
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
D-754
Reference - Drawing Numbers
Sales Drawing
D754CD
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19202Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Putt Pump Dieless
Head System
0192860065
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890001
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - D-754

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
D-7AC MACOM-D-7AC Datasheet
94Kb / 1P
   D-7AC 2SPST 1 N.O. & 1 N.C.,50 Amps, 28 VDC
D-7GR MACOM-D-7GR Datasheet
68Kb / 1P
   D-7GR 3PDT, 50 Amps,115/200 VAC, 400 Hz
D-7GRZ MACOM-D-7GRZ Datasheet
47Kb / 1P
   D-7GRZ 3PDT, 50 Amps,115/200 VAC, 400 Hz
D-7TD MACOM-D-7TD Datasheet
88Kb / 1P
   D-7TD 2SPST 1 N.O. & 1 N.C.,50 Amps, 28 VDC
More results

Mô tả tương tự - D-754

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0192020055 MOLEX4-0192020055 Datasheet
68Kb / 2P
   NylaKrimp??Butt Splice for 6 AWG Wire
0192020056 MOLEX4-0192020056 Datasheet
68Kb / 2P
   NylaKrimp??Butt Splice for 4 AWG Wire
0192020013 MOLEX4-0192020013 Datasheet
105Kb / 3P
   Nylakrimp??Butt Splice for 18-22 AWG Wire
0192020049 MOLEX4-0192020049 Datasheet
107Kb / 4P
   Nylakrimp??Butt Splice for 10-12 AWG Wire
0192020031 MOLEX4-0192020031 Datasheet
106Kb / 3P
   Nylakrimp??Butt Splice for 14-16 AWG Wire
0192150034 MOLEX4-0192150034 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 8 AWG Wire
0191640079 MOLEX4-0191640079 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 8 AWG Wire
0192150042 MOLEX4-0192150042 Datasheet
108Kb / 3P
   Step Down Butt Splice for 6-8 AWG Wire
0192150037 MOLEX4-0192150037 Datasheet
108Kb / 3P
   Step Down Butt Splice for 8-12 AWG Wire
0191540045 MOLEX4-0191540045 Datasheet
80Kb / 2P
   InsulKrimp??Butt Splice for 6 AWG Wire
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com