công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A-259X bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện A-259X
Giải thích chi tiết về linh kiện  InsulKrimp??Snap Plug, for 18-22 AWG Wire, 24.13mm (.950") Length
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX4 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

A-259X bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  A-259X Datasheet HTML 1Page - Molex Electronics Ltd. A-259X Datasheet HTML 2Page - Molex Electronics Ltd. A-259X Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190340002
Status:
Active
Description:
InsulKrimp™ Snap Plug, for 18-22 AWG Wire, 24.13mm (.950") Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Quick Disconnects
Series
19034
Crimp Quality Equipment
Yes
Product Name
InsulKrimp™
Type
Snap Plug
Physical
Barrel Type
Closed
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Insulation
PVC
Lock to Mating Part
None
Material - Metal
Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Bag
Tab Thickness
N/A
Tab Width
N/A
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.60mm (.142") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
A-259X
Reference - Drawing Numbers
Sales Drawing
SD-19034-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19034Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640010300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051200


Số phần tương tự - A-259X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
A-2599-03AG MOLEX1-A-2599-03AG Datasheet
2Mb / 3P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 3 Circuits, Gold (Au) Plating
A-2599-11AG MOLEX1-A-2599-11AG Datasheet
2Mb / 3P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 11 Circuits, Gold (Au) Plating
A-2599-12A MOLEX1-A-2599-12A Datasheet
211Kb / 4P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 12 Circuits, Tin (Sn) Plating
A-2599-12AG MOLEX1-A-2599-12AG Datasheet
2Mb / 3P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 12 Circuits, Gold (Au) Plating
A-2599-12BG MOLEX1-A-2599-12BG Datasheet
2Mb / 3P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 12 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com