công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-19164-020 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-19164-020
Giải thích chi tiết về linh kiện  Perma-Seal??Female Quick Disconnect Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX4 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19164-020 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-19164-020 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19164-020 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191640050
Status:
Active
Description:
Perma-Seal™ Female Quick Disconnect Receptacle for 14-16 AWG Wire, Tab Size
6.35mm (.250") x .081mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19164
Crimp Quality Equipment
Yes
Product Name
Perma-Seal™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Insulation
NiAc™
Lock to Mating Part
None
Material - Metal
Brass
Material - Resin
Nylon
Orientation
Straight
Packaging Type
Bag
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-55°C to +125°C
Wire Insulation Diameter
4.32mm (.170") max.
Wire Size AWG
14, 16
Wire Size mm²
1.00 - 2.50
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
SBB-9263
Reference - Drawing Numbers
Sales Drawing
SD-19164-020
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19164Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640014500
Hand Crimp Tool
0640014700
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640054500
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640054700
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - SD-19164-020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-19164-026 MOLEX4-SD-19164-026 Datasheet
109Kb / 3P
   Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire
SD-19164-026 MOLEX4-SD-19164-026 Datasheet
109Kb / 3P
   Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire
SD-19164-026 MOLEX4-SD-19164-026 Datasheet
108Kb / 3P
   Perma-Seal??Ring Tongue Terminal
SD-19164-027 MOLEX4-SD-19164-027 Datasheet
88Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 14-16 AWG Wire
SD-19164-027 MOLEX4-SD-19164-027 Datasheet
88Kb / 2P
   Perma-Seal??Spade Tongue Terminal
More results

Mô tả tương tự - SD-19164-020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0191640989 MOLEX4-0191640989 Datasheet
85Kb / 2P
   Perma-Seal??Piggyback Quick Disconnect, Tab 6.35mm (.250
0191640018 MOLEX4-0191640018 Datasheet
113Kb / 2P
   Perma-Seal??Female Quick Disconnect Receptacle for 18-22 AWG Wire, Tab Size6.35mm (.250
191640017 MOLEX-191640017 Datasheet
80Kb / 1P
   PERMA-SEAL COUPLER FEMALE RECEPTACLE
0191640012 MOLEX4-0191640012 Datasheet
85Kb / 2P
   Perma-Seal??Female Quick Disconnect for 18-22 AWG Wire, Tab Size 6.35mm(.250
0191640076 MOLEX4-0191640076 Datasheet
113Kb / 2P
   Perma-Seal??Female Quick Disconnect Receptacle for 10-12 AWG Wire, Tab Size6.35mm (.250") x .081mm (.032")
0191640017 MOLEX4-0191640017 Datasheet
114Kb / 2P
   Perma-Seal??Female Quick Disconnect Receptacle for 18-22 AWG Wire, Tab Size6.35mm (.250") x .081mm (.032")
0191640059 MOLEX4-0191640059 Datasheet
83Kb / 2P
   Perma-Seal??Female Quick Disconnect for 10-12 AWG Wire, Tab Size 6.35mm(.250
0191640049 MOLEX4-0191640049 Datasheet
112Kb / 3P
   Perma-Seal??Male Quick Disconnect Tab for 14-16 AWG Wire
191640012 MOLEX-191640012 Datasheet
55Kb / 1P
   FEMALE QD PERMA-SEAL
0191640305 MOLEX4-0191640305 Datasheet
113Kb / 2P
   Perma-Seal??Female Quick Disconnect Receptacle for 10-12 AWG Wire, Tab Size6.35mm (.250") x .081mm (.032"), Mylar Tape Carrier
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com