công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-19164-041 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-19164-041
Giải thích chi tiết về linh kiện  Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX4 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19164-041 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-19164-041 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19164-041 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19164-041 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191640316
Status:
Active
Description:
Perma-Seal™ Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 10, Mylar Tape
Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19164
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Perma-Seal™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-2
Insulation
NiAc™
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
10 (M5)
Wire Insulation Diameter
7.87mm (.310")
Wire Size AWG
14, 16
Wire Size mm²
1.23 - 1.94
Material Info
Old Part Number
SC-230-10T
Reference - Drawing Numbers
Sales Drawing
SD-19164-041
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19164Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable Tool
Kit Used in ATP
Presses that Process
Product on Tape
0198082025
Hand Crimp Tool, UL
Approved
0640017400
Power Crimp Tool
Head for Prema-
Seal™ Terminals
10-22 AWG
0640057400
This document was generated on 03/16/2010


Số phần tương tự - SD-19164-041

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-19164-041 MOLEX4-SD-19164-041 Datasheet
111Kb / 2P
   Perma-Seal??Ring Tongue Terminal
SD-19164-041 MOLEX4-SD-19164-041 Datasheet
111Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire
SD-19164-041 MOLEX-SD-19164-041 Datasheet
76Kb / 1P
   RING TONGUE TERMINAL PERMA-SEAL NIAC 12-10 AWG
More results

Mô tả tương tự - SD-19164-041

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0191640062 MOLEX4-0191640062 Datasheet
111Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire
191640060 MOLEX-191640060 Datasheet
77Kb / 1P
   RING TONGUE TERMINAL PERMA-SEAL NIAC 12-10 AWG
SD-19164-041 MOLEX-SD-19164-041 Datasheet
76Kb / 1P
   RING TONGUE TERMINAL PERMA-SEAL NIAC 12-10 AWG
0191640065 MOLEX4-0191640065 Datasheet
111Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 10
0191640061 MOLEX4-0191640061 Datasheet
111Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 6
0191640068 MOLEX4-0191640068 Datasheet
107Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire, Stud 3/8
0191640310 MOLEX4-0191640310 Datasheet
109Kb / 3P
   Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire
0191640311 MOLEX4-0191640311 Datasheet
109Kb / 3P
   Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire
0191640066 MOLEX4-0191640066 Datasheet
107Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 1/4
0191640067 MOLEX4-0191640067 Datasheet
111Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 5/16
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com