công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-19005-001 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-19005-001
Giải thích chi tiết về linh kiện  InsulKrimp??Fully Insulated Female Quick
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX4 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19005-001 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-19005-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19005-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19005-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190050010
Status:
Active
Description:
InsulKrimp™ Fully Insulated Female Quick Disconnect for 10-12 AWG Wire, Box
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-008 (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19005
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
InsulKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Material - Resin
Nylon
Orientation
Straight
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
6.99mm (.275") max.
Wire Size AWG
10, 12
Wire Size mm²
3.30 - 5.00
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
C-2265
Reference - Drawing Numbers
Product Specification
PS-19902-008
Sales Drawing
SD-19005-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19005Series
Use With
19004-0009 , 19004-0012
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010400
Hand Crimp Tool
0640014900
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050400
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640054900


Số phần tương tự - SD-19005-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-19005-001 MOLEX4-SD-19005-001 Datasheet
111Kb / 3P
   InsulKrimp??Fully Insulated Female Quick Disconnect for 10-12 AWG Wire
SD-19005-001 MOLEX4-SD-19005-001 Datasheet
111Kb / 3P
   InsulKrimp??Fully Insulated Coupler
SD-19005-001 MOLEX4-SD-19005-001 Datasheet
110Kb / 2P
   InsulKrimp??Fully Insulated Coupler, Female, for 14-16 AWG Wire, Box
More results

Mô tả tương tự - SD-19005-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0190070082 MOLEX4-0190070082 Datasheet
114Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect
0190070069 MOLEX4-0190070069 Datasheet
105Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect Flag
0190070083 MOLEX4-0190070083 Datasheet
113Kb / 2P
   InsulKrimp??Female Fully Insulated
0190130028 MOLEX4-0190130028 Datasheet
109Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect
0190130030 MOLEX4-0190130030 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect
0190050015 MOLEX4-0190050015 Datasheet
111Kb / 3P
   InsulKrimp??Fully Insulated Female Quick Disconnect for 10-12 AWG Wire
0190130026 MOLEX4-0190130026 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated
0196001300 MOLEX4-0196001300 Datasheet
129Kb / 2P
   Avikrimp??Fully Insulated Female Quick Disconnect
0196001308 MOLEX4-0196001308 Datasheet
130Kb / 3P
   Avikrimp??Fully Insulated Female Quick Disconnect
0196001302 MOLEX4-0196001302 Datasheet
129Kb / 2P
   Avikrimp??Fully Insulated Female Quick Disconnect
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com