công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-19067-013 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-19067-013
Giải thích chi tiết về linh kiện  NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX4 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19067-013 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-19067-013 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19067-013 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19067-013 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190670059
Status:
Active
Description:
NylaKrimp™ Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #11
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19067
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
NylaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
7/16" (M11)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
10.87mm (.428") max.
Wire Size AWG
6
Material Info
Old Part Number
E-957-76
Reference - Drawing Numbers
Sales Drawing
SD-19067-013
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19067Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890004
Putt Pump Dieless
Head System
0192860065
Hand Crimp Tool
0640013900
This document was generated on 06/08/2010


Số phần tương tự - SD-19067-013

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-19067-013 MOLEX4-SD-19067-013 Datasheet
83Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #8
More results

Mô tả tương tự - SD-19067-013

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0190670061 MOLEX4-0190670061 Datasheet
82Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire
0190670071 MOLEX4-0190670071 Datasheet
84Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #6
0190670047 MOLEX4-0190670047 Datasheet
83Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #6
0190670095 MOLEX4-0190670095 Datasheet
75Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire
0190670067 MOLEX4-0190670067 Datasheet
84Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #4
0190670069 MOLEX4-0190670069 Datasheet
84Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #5
0190670065 MOLEX4-0190670065 Datasheet
82Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #11
0190670096 MOLEX4-0190670096 Datasheet
75Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #6
0190670055 MOLEX4-0190670055 Datasheet
83Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #8
0190670077 MOLEX4-0190670077 Datasheet
85Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 4 AWG Wire, Stud #6
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com