công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-30700-120 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-30700-120
Giải thích chi tiết về linh kiện  2.54mm (.100") Pitch, 0.64mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX4 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-30700-120 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-30700-120 Datasheet HTML 1Page - Molex Electronics Ltd. SD-30700-120 Datasheet HTML 2Page - Molex Electronics Ltd. SD-30700-120 Datasheet HTML 3Page - Molex Electronics Ltd. SD-30700-120 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0313891207
Status:
Active
Overview:
hdac_64_dualrow_high_density_automotive_connectors
Description:
2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64™ High Density Automotive
Connectors, Dual Row, Female Harness Assembly, 20 Circuits, Polarization Option 0,
Gray, with Bridge
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Test Summary (PDF)
General
Product Family
Crimp Housings
Series
31389
Comments
Polarization Option 0, with Bridge
Overview
hdac_64_dualrow_high_density_automotive_connectors
Product Literature Order No
USA-287
Product Name
H-DAC 64™
Physical
Circuits (maximum)
20
Color - Resin
Red
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
7A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-30700-120
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
31389Series
Mates With
30968-1***|30700-5***|30700-4***
Use With
34230 Terminal
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - SD-30700-120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-30700-120 MOLEX4-SD-30700-120 Datasheet
490Kb / 4P
   2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC
SD-30700-120 MOLEX4-SD-30700-120 Datasheet
490Kb / 4P
   2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64?
SD-30700-120 MOLEX4-SD-30700-120 Datasheet
490Kb / 4P
   2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64?
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com