công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-19073-003 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-19073-003
Giải thích chi tiết về linh kiện  Avikrimp??Ring Tongue Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX4 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19073-003 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-19073-003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19073-003 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19073-003 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190730028
Status:
Active
Description:
Avikrimp™ Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 5/16", Length
26.90mm (1.059"), Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19073
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Avikrimp™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
5/16" (M8)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.60mm (.142") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Material Info
Old Part Number
AA-822-56T
Reference - Drawing Numbers
Sales Drawing
SD-19073-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19073Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880023
Mini-Mac™
Applicator
0638851300


Số phần tương tự - SD-19073-003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-19073-002 MOLEX4-SD-19073-002 Datasheet
109Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire
SD-19073-002 MOLEX4-SD-19073-002 Datasheet
109Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire
SD-19073-004 MOLEX4-SD-19073-004 Datasheet
146Kb / 3P
   Avikrimp??Ring Tongue Terminal
SD-19073-005 MOLEX4-SD-19073-005 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire
SD-19073-006 MOLEX4-SD-19073-006 Datasheet
99Kb / 3P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire
More results

Mô tả tương tự - SD-19073-003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0190730037 MOLEX4-0190730037 Datasheet
146Kb / 3P
   Avikrimp??Ring Tongue Terminal
0190730173 MOLEX4-0190730173 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal
0190730237 MOLEX4-0190730237 Datasheet
106Kb / 3P
   Avikrimp??Ring Tongue Terminal
0190730212 MOLEX4-0190730212 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal
0190730086 MOLEX4-0190730086 Datasheet
99Kb / 3P
   Avikrimp??Ring Tongue Terminal
0190580063 MOLEX4-0190580063 Datasheet
78Kb / 2P
   Avikrimp??Ring Tongue Terminal
0190770008 MOLEX4-0190770008 Datasheet
108Kb / 3P
   Avikrimp??Star Ring Tongue Terminal
0190770010 MOLEX4-0190770010 Datasheet
111Kb / 3P
   Avikrimp??Steel Star Ring Tongue Terminal
0191980005 MOLEX4-0191980005 Datasheet
66Kb / 3P
   Avikrimp??Spade Tongue Terminal
0191980007 MOLEX4-0191980007 Datasheet
66Kb / 3P
   Avikrimp??Spade Tongue Terminal
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com