công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-31109-003 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện SD-31109-003
Giải thích chi tiết về linh kiện  2.54mm (.100") H-DAC 64?? 4 Way Receptacle Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX4 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-31109-003 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  SD-31109-003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-31109-003 Datasheet HTML 2Page - Molex Electronics Ltd. SD-31109-003 Datasheet HTML 3Page - Molex Electronics Ltd. SD-31109-003 Datasheet HTML 4Page - Molex Electronics Ltd. SD-31109-003 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0310681010
Status:
Active
Overview:
H-DAC™ 64 Single Row
Description:
2.54mm (.100") H-DAC 64™, 4 Way Receptacle Assembly, Single-Row, Polarization A
Documents:
Drawing (PDF)
Product Specification PS-31100-0001 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-31067-0001 (PDF)
General
Product Family
Crimp Housings
Series
31068
Comments
Polarization Option A, Black
Overview
H-DAC™ 64 Single Row
Product Name
H-DAC 64™
Physical
Circuits (maximum)
4
Circuits Detail
4
Color - Resin
Black, White
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene, Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +100°C
Electrical
Current - Maximum per Contact
11A, 9A
Material Info
Reference - Drawing Numbers
Product Specification
PS-31067-0001, PS-31100-0001
Sales Drawing
SD-31109-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
31068Series
Mates With
H-DAC 64™, 4 Way Male Housing
Assembly 310681040 , 310681070 ,
311000040 , 311010040
Use With
See Product Spec
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - SD-31109-003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
SD-31109-003 MOLEX4-SD-31109-003 Datasheet
423Kb / 5P
   2.54mm (.100") H-DAC 64?? 3 Way Receptacle Assembly
SD-31109-003 MOLEX4-SD-31109-003 Datasheet
423Kb / 5P
   2.54mm (.100") H-DAC 64?
SD-31109-003 MOLEX4-SD-31109-003 Datasheet
424Kb / 5P
   2.54mm (.100") H-DAC 64?
SD-31109-003 MOLEX4-SD-31109-003 Datasheet
424Kb / 5P
   2.54mm (.100") H-DAC 64?
SD-31109-003 MOLEX4-SD-31109-003 Datasheet
423Kb / 5P
   2.54mm (.100") H-DAC 64?
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com