công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145192 bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MC145192
Giải thích chi tiết về linh kiện  Evaluation Board Manual
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145192 bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MC145192 Datasheet HTML 5Page - Motorola, Inc MC145192 Datasheet HTML 6Page - Motorola, Inc MC145192 Datasheet HTML 7Page - Motorola, Inc MC145192 Datasheet HTML 8Page - Motorola, Inc MC145192 Datasheet HTML 9Page - Motorola, Inc MC145192 Datasheet HTML 10Page - Motorola, Inc MC145192 Datasheet HTML 11Page - Motorola, Inc MC145192 Datasheet HTML 12Page - Motorola, Inc MC145192 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
MC145192EVK
• MC145202EVK
9
MOTOROLA
SECTION 2 – SOFTWARE
INTRODUCTION
The MC145xxx PLL software is provided to demonstrate the capabilities of the MC145xxx family of PLLs.
The family includes the following devices:
Table 1.
Board Type
Board Description
MC145190
MC145191
MC145192
Low voltage version of the ’191
MC145200
MC145201
MC145202
Low voltage version of the ’201
MC145220 in Single Loop Mode*
MC145220 in Dual Loop Mode*
* The ’220 is not available in Rev. 2.5 software.
Most of these ICs are provided on an evaluation circuit board to allow the easy demonstration of the PLL
capabilities.
PURPOSE
The user guide for the MC145xxx PLL software familiarizes the user with the use and capabilities of the
program referred from here on as PLL Version 3.0. The guide covers the user interface and a summary
of the commands that are available.
The user should read the data sheet of the PLL frequency synthesizer of interest before using the soft-
ware.
DESCRIPTION
The PLL software:
• is a Pascal program developed with Borland Turbo Pascal v7.0.
• runs under MS–DOS.
• is a character–based, menu–driven program.
USER COMMENTS
Comments on this program may be faxed to MDAD Development Tools Group at (512) 933–8570.


Số phần tương tự - MC145192

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190DT MOTOROLA-MC145190DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190F MOTOROLA-MC145190F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191DT MOTOROLA-MC145191DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191F MOTOROLA-MC145191F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results

Mô tả tương tự - MC145192

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com