công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145192 bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC145192
Giải thích chi tiết về linh kiện  Evaluation Board Manual
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145192 bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC145192 Datasheet HTML 2Page - Motorola, Inc MC145192 Datasheet HTML 3Page - Motorola, Inc MC145192 Datasheet HTML 4Page - Motorola, Inc MC145192 Datasheet HTML 5Page - Motorola, Inc MC145192 Datasheet HTML 6Page - Motorola, Inc MC145192 Datasheet HTML 7Page - Motorola, Inc MC145192 Datasheet HTML 8Page - Motorola, Inc MC145192 Datasheet HTML 9Page - Motorola, Inc MC145192 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
MC145192EVK
• MC145202EVK
MOTOROLA
6
Up to three EVK boards can operate independently from one printer port. All lines on the printer port are
connected to every EVK. Even with three boards operating, only three output lines (Clock, Data and
Load) from the printer card are used. If two boards are controlled together, data for the second board is
received from the Output A of the first. Output A is a configurable output on ’192/202 devices, which in
this case is used to shift data through chip 1 into chip 2. Output A and Data are connected using a printer
port input line. This was done to avoid connecting extra wires. Fortunately not all port input lines are
needed for computer input. Load and Clock are common to both boards.
A three–board cascade is handled similarly to a two–board cascade. Out A on the first board is fed to
Data on the second. Out A on the second connects to Data on the third. Instructing the program on the
quantity of boards connected together allows it to modify the number of bits sent.
All boards have a DIP switch S1 which gives each a unique address. The configuration menu is used to
tell the program what type of board is connected at a board address. Switch positions for all possible
addresses are given in Figure 2.
Single Board Operation
Two– or Three–Board Cascade
1
2
3
4
5
6
7
8
Closed
Open
Board A
1
2
3
4
5
6
7
8
Closed
Open
Board B
1
2
3
4
5
6
7
8
Closed
Open
Board C
1
2
3
4
5
6
7
8
Closed
Open
Figure 2. Switch Positions


Số phần tương tự - MC145192

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190DT MOTOROLA-MC145190DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190F MOTOROLA-MC145190F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191DT MOTOROLA-MC145191DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191F MOTOROLA-MC145191F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results

Mô tả tương tự - MC145192

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com