công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU2615 bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện BU2615
Giải thích chi tiết về linh kiện  PLL frequency synthesizer for tuners
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU2615 bảng dữ liệu(HTML) 1 Page - Rohm

  BU2615 Datasheet HTML 1Page - Rohm BU2615 Datasheet HTML 2Page - Rohm BU2615 Datasheet HTML 3Page - Rohm BU2615 Datasheet HTML 4Page - Rohm BU2615 Datasheet HTML 5Page - Rohm BU2615 Datasheet HTML 6Page - Rohm BU2615 Datasheet HTML 7Page - Rohm BU2615 Datasheet HTML 8Page - Rohm BU2615 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
125
Audio ICs
PLL frequency synthesizer for tuners
BU2615S / BU2615FS
The BU2615 PLL frequency synthesizers work up through the FM band. Featuring low radiation noise, low power con-
sumption, and highly sensitive built-in RF amps, they support an IF count function.
FApplications
Tuners (Mini components, radio cassette players, radio
equipment, etc.)
FFeatures
1) Built-in
high-speed
prescaler
can
divide
130MHzVCO.
2) Basic oscillation of 75kHz keeps unnecessary radi-
ation noise to a low level.
3) Low current dissipation (during operation: 4mA, PLL
OFF: 100
µA)
4) In addition to the standard FM and AM, also offers the
following 7 frequencies: 25kHz, 12.5kHz, 6.25kHz,
3.125kHz, 5kHz, 3kHz, and 1kHz.
5) Counter for measurement of intermediate frequen-
cies.
6) Unlock detection
7) Seven output ports (open drain).
The BU2614, with three output ports, is also avail-
able.
8) Serial data input (CE, CK, DA)
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating power supply voltage


Số phần tương tự - BU2615

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 89P
   High PSRR is attained by built-in regulator
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV-E2 ROHM-BU26154MUV-E2 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26156RFS ROHM-BU26156RFS Datasheet
1Mb / 95P
   Monoraul MIC Input with ALC
More results

Mô tả tương tự - BU2615

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
   PLL frequency synthesizer for tuners
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2624AF ROHM-BU2624AF Datasheet
136Kb / 9P
   PLL frequency synthesizer for tuners
BU2618FV ROHM-BU2618FV Datasheet
138Kb / 8P
   PLL frequency synthesizer for tuners
BU2614 ROHM-BU2614 Datasheet
132Kb / 9P
   PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
   Controller for PLL Frequency Synthesizer?
logo
Toshiba Semiconductor
TB31245FN TOSHIBA-TB31245FN Datasheet
267Kb / 8P
   PLL FREQUENCY SYNTHESIZER FOR PHS
logo
Sanyo Semicon Device
LC7020AK SANYO-LC7020AK Datasheet
484Kb / 22P
   Controller for PLL Frequency Synthesizer
logo
Samsung semiconductor
S5T8809 SAMSUNG-S5T8809 Datasheet
123Kb / 14P
   PLL FREQUENCY SYNTHESIZER FOR PAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com