công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA1442A bảng dữ liệu(PDF) 10 Page - Rohm

tên linh kiện BA1442A
Giải thích chi tiết về linh kiện  AM radio / FM IF stereo system IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA1442A bảng dữ liệu(HTML) 10 Page - Rohm

Back Button BA1442A Datasheet HTML 6Page - Rohm BA1442A Datasheet HTML 7Page - Rohm BA1442A Datasheet HTML 8Page - Rohm BA1442A Datasheet HTML 9Page - Rohm BA1442A Datasheet HTML 10Page - Rohm BA1442A Datasheet HTML 11Page - Rohm BA1442A Datasheet HTML 12Page - Rohm BA1442A Datasheet HTML 13Page - Rohm BA1442A Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
346
Audio ICs
BA1442A
FSelecting of attached components and operation notes
Pin 1: FM ceramic filter (CF1)
The input impedance of pin 1 is 330
Ω, so it should be con-
nected to a ceramic filter that has an output impedance
of 330
Ω. Connect the earth point of the ceramic filter to
the input side GND. In addition, the connection distance
between the ceramic filter and pin 1 should be as short
as possible.
Pin 2: FM IF bypass
This pin is used to ensure stable FM, and it is normally
connected to pin 19 (Vreg). If it is not possible to achieve
stable FM, ground pin 2 via a 0.01
µF capacitor. The earth
point in this case will be on the GND side of the FM ce-
ramic filter.
Pin 3: Power supply bypass capacitors (C7 and C8)
C7 should be a capacitor with good high-frequency char-
acteristics. Connect it between the base of the legs of pin
3 (VCC) and pin 5 (GND). The purpose of C8 is ripple rejec-
tiun, and it can be connected a little further away.
Pin 4: FM quadrature detector phase-shift coil (T3)
Pin 3 and 4 are connected internally by a 3.3k
Ω damping
resistor. The earth point for the phase-shift coil should be
VCC, so ensure that it is at the same voltage as pin 3 (VCC).
Pin 6: FM detector low-pass filter capacitor (C11)
This capacitor smooths the 2
10.7MHz (21.4MHz) sig-
nal generated by FM quadrature detection, and prevents
leakage of the 10.7MHz signal. The output impedance of
pin 6 (5k
Ω) and C11 form a low-pass filter. Connect the
earth point to a GND other than the input side GND. If you
do not do this, the input carrier will return from the output,
and may result in poor stability.
If the capacitor is too large, poor separation will result.
Pin 7: FM detector output coupling capacitor (C9)
FM detector output is input to the MPX throngh C9. The
input impedance of pin 7 (100k
Ω) and C9 form a high-
pass filter. If the value of C9 is too low, poor bass region
separation will result.
Pin 8: AM detector output coupling capacitor (C10)
AM detector output is input to the MPX through C10. The
input impedance of pin 8 (20k
Ω) and C10 form a high-pass
filter and improves the AM fidelity. Characteristic curves
for different values of C10 are given in the graph in Fig. 3.
Pin 9: AM high-cut capacitor (C12)
The input impedance of pin 9 (8k
Ω) and C12 form a low-
pass filter. To prevent beat from occurring between carri-
er leak from the detector output pin and the input signal,
connect a capacitor of about 1000pF, even if not using
high-cut. Connect the earth point to a GND other than the
input side GND. Characteristic curves for different values
of C12 are given in the graph in Fig. 4.


Số phần tương tự - BA1442A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1449F ROHM-BA1449F Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
More results

Mô tả tương tự - BA1442A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
logo
Sony Corporation
CXA1538M SONY-CXA1538M Datasheet
299Kb / 15P
   FM STEREO/AM RADIO
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
   AM/FM RADIO SYSTEM
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
   FM/AM RADIO IC
logo
Toshiba Semiconductor
TA2003P TOSHIBA-TA2003P Datasheet
282Kb / 10P
   AM/FM RADIO IC
TA2132BP TOSHIBA-TA2132BP Datasheet
252Kb / 13P
   AM/FM Radio IC
logo
Unisonic Technologies
UTCTA2003 UTC-UTCTA2003 Datasheet
82Kb / 6P
   AM/FM RADIO IC
logo
Toshiba Semiconductor
TA2003PG TOSHIBA-TA2003PG Datasheet
371Kb / 11P
   AM / FM Radio IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com