công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA00CC0WT bảng dữ liệu(PDF) 2 Page - Rohm |
|
BA00CC0WT bảng dữ liệu(HTML) 2 Page - Rohm |
2 / 2 page Absolute Maximum Ratings (Ta=25˚C) Supply voltage Power dissipation Operating temperature range Storage temperature range Parameter Symbol Limits Unit *2 Derating in done at 10.4mW/˚C for operating above Ta=25˚C *3 Derating in done at 16mW/˚C for operating above Ta=25˚C *4 Bias voltage in 200msec(tr≥1msec). *1 Do not however exceed Pd. VCC Pd Topr Tstg 2000 1300 TO252-5 TO220FP-5(V5) +125 +150 -40 -55 +35 -0.3 mW ˚C ˚C Peak supply voltage VCCPeak 50 V Junction temperature Tjmax 150 ˚C V Vcc -0.3 ~ ~ ~ ~ Vc Pin voltage VCTL V Application Circuit Input voltage Output current VCC Io - - - 4.0 25.0 1.0 V A Output voltage VOUT 3.0 - 15 V Recommended Operating Conditions (Ta=25˚C) Parameter Min. Max. Unit Typ. Symbol Electrical Characteristics (Unless otherwise specified, Ta=25˚C, Vcc=10V, Io=500mA, R1=2.2kΩ, R2=6.8kΩ) *2 *3 *4 *1 * Parameter Symbol Min. Typ. Max. Unit Conditions VCTL=0V VCTL=2V, Io=0mA Io=50mA Vcc=0.95Vo f=120Hz, ein=1Vrms, Io=100mA Vcc=6 → 25V Io=5mA → 1A Io=5mA, Tj=0~125 °C Vcc=25V ACTIVE MODE, Io=0mA OFF MODE, Io=0mA VCTL=5V, Io=0mA Isd Ib Vc Vo ∆Vd Io R.R. Reg.I Reg.L Tcvo IOS VthH VthL ICTL - - 1.200 - - 1.0 45 - - - - 2.0 - 100 0 2.5 1.225 5.00 0.3 - 55 20 50 ±0.02 0.40 - - 200 10 5.0 1.250 - 0.5 - - 100 150 - - - 0.8 300 µA mA V V V A dB mV mV % / °C A V V µA * Designed Guarantee.(Outgoing inspection is not done all products.) Vcc 0.33 µF 22 µF Vcc GND Vref OUT CTL R1 R2 OVP TSD OCP Driver C Vcc 1 2 3 4 + 5 BA00CC0WT(-V5) Vcc 0.33 µF 22 µF Vcc N.C. Vref OUT CTL R1 R2 OVP TSD OCP Driver C GND Vcc 1 2 3 4 Fin + 5 BA00CC0WFP [BA00CC0WT(-V5)] [BA00CC0WFP] Shut down current C pin voltage Output voltage Dropout voltage Peak output current Ripple rejection Line regulation Load regulation Temperature coefficient of output voltage Bias current Short circuit output current ON mode level OFF mode level Input high current |
Số phần tương tự - BA00CC0WT |
|
Mô tả tương tự - BA00CC0WT |