công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5445YRU bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD5445YRU
Giải thích chi tiết về linh kiện  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5445YRU bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD5445YRU Datasheet HTML 1Page - Analog Devices AD5445YRU Datasheet HTML 2Page - Analog Devices AD5445YRU Datasheet HTML 3Page - Analog Devices AD5445YRU Datasheet HTML 4Page - Analog Devices AD5445YRU Datasheet HTML 5Page - Analog Devices AD5445YRU Datasheet HTML 6Page - Analog Devices AD5445YRU Datasheet HTML 7Page - Analog Devices AD5445YRU Datasheet HTML 8Page - Analog Devices AD5445YRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 3 of 32
SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VREF = 10 V, IOUT2 = 0 V. Temperature range for Y version: −40°C to +125°C. All specifications TMIN to TMAX, unless
otherwise noted. DC performance measured with OP177and ac performance measured with AD8038, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
STATIC PERFORMANCE
AD5424
Resolution
8
Bits
Relative Accuracy
±0.25
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic
AD5433
Resolution
10
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
AD5445
Resolution
12
Bits
Relative Accuracy
±1
LSB
Differential Nonlinearity
–1/+2
LSB
Guaranteed monotonic
Gain Error
±10
mV
Gain Error Temperature Coefficient1
±5
ppm FSR/°C
Output Leakage Current1
±10
nA
Data = 0×0000, TA = 25°C, IOUT1
±20
nA
Data = 0×0000, T = −40°C to +125°C, IOUT1
REFERENCE INPUT1
Reference Input Range
±10
V
VREF Input Resistance
8
10
12
Input resistance TC = –50 ppm/°C
RFB Resistance
8
10
12
Input resistance TC = –50 ppm/°C
Input Capacitance
Code Zero Scale
3
6
pF
Code Full Scale
5
8
pF
DIGITAL INPUTS/OUTPUT1
Input High Voltage, VIH
1.7
V
Input Low Voltage, VIL
0.6
V
Output High Voltage, VOH
VDD − 1
V
VDD = 4.5 V to 5 V, ISOURCE = 200 μA
VDD − 0.5
V
VDD = 2.5 V to 3.6 V, ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
V
VDD = 4.5 V to 5 V, ISINK = 200 μA
0.4
V
VDD = 2.5 V to 3.6 V, ISINK = 200 μA
Input Leakage Current, IIL
1
μA
Input Capacitance
4
10
pF
DYNAMIC PERFORMANCE1
Reference Multiplying Bandwidth
10
MHz
VREF = ±3.5 V; DAC loaded all 1s
Output Voltage Settling Time
VREF = ±3.5 V, RLOAD = 100 Ω, DAC latch
alternately loaded with 0s and 1s
Measured to ±16 mV of full scale
30
60
ns
Measured to ±4 mV of full scale
35
70
ns
Measured to ±1 mV of full scale
80
120
ns
Digital Delay
20
40
ns
Interface delay time
10% to 90% Settling Time
15
30
ns
Rise and fall time, VREF = 10 V, RLOAD = 100 Ω
Digital-to-Analog Glitch Impulse
2
nV-s
1 LSB change around major carry, VREF = 0 V
Multiplying Feedthrough Error
DAC latch loaded with all 0s, VREF = ±3.5 V
70
dB
Reference = 1 MHz
48
dB
Reference = 10 MHz


Số phần tương tự - AD5445YRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5445YRU AD-AD5445YRU Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ AD-AD5445YRUZ Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ-REEL AD-AD5445YRUZ-REEL Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ-REEL7 AD-AD5445YRUZ-REEL7 Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
More results

Mô tả tương tự - AD5445YRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5424 AD-AD5424_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5433 AD-AD5433_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5445 AD-AD5445_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Rev. D
AD5424 AD-AD5424 Datasheet
888Kb / 24P
   8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. 0
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com