công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5445YRU bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD5445YRU
Giải thích chi tiết về linh kiện  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5445YRU bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD5445YRU Datasheet HTML 4Page - Analog Devices AD5445YRU Datasheet HTML 5Page - Analog Devices AD5445YRU Datasheet HTML 6Page - Analog Devices AD5445YRU Datasheet HTML 7Page - Analog Devices AD5445YRU Datasheet HTML 8Page - Analog Devices AD5445YRU Datasheet HTML 9Page - Analog Devices AD5445YRU Datasheet HTML 10Page - Analog Devices AD5445YRU Datasheet HTML 11Page - Analog Devices AD5445YRU Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 8 of 32
9
12
DB4
DB1
10
11
DB3
DB2
1
2
3
4
5
6
7
8
20
13
14
15
16
17
18
19
AD5433
(Not to Scale)
IOUT1
IOUT2
GND
DB9
DB8
DB7
DB6
DB5
RFB
VREF
VDD
R/W
CS
NC
NC
DB0 (LSB)
NC = NO CONNECT
Figure 5. AD5433 Pin Configuration (TSSOP)
R/W
CS
NC
NC
DB0
GND
DB9
DB8
DB7
DB6
15
14
13
12
11
1
2
3
4
5
20 19 18 17 16
678 9 10
AD5433
TOP VIEW
PIN 1
INDICATOR
NC = NO CONNECT
Figure 6 AD5433 Pin Configuration (LFCSP).
Table 5. AD5433 Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
19
IOUT1
DAC Current Output.
2
20
IOUT2
DAC Analog Ground. This pin should normally be tied to the analog ground of the system.
3
1
GND
Ground.
4–13
2–11
DB9–DB0
Parallel Data Bits 9 to 0.
14, 15
12, 13
NC
Not Internally Connected.
16
14
CS
Chip Select Input. Active low. Use in conjunction with R/
W to load parallel data to the input latch or to read data
from the DAC register. Rising edge of
CS loads data.
17
15
R/
W
Read/Write. When low, used in conjunction with
CS to load parallel data. When high, use with CS to read back
contents of DAC register.
18
16
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5 V to 5.5 V.
19
17
VREF
DAC Reference Voltage Input Terminal.
20
18
RFB
DAC Feedback Resistor Pin. Establish voltage output for the DAC by connecting to external amplifier output.
9
12
DB6
DB3
10
11
DB5
DB4
1
2
3
4
5
6
7
8
20
13
14
15
16
17
18
19
AD5445
(Not to Scale)
IOUT1
IOUT2
GND
DB11
DB10
DB9
DB8
DB7
RFB
VREF
VDD
R/W
CS
DB0 (LSB)
DB1
DB2
Figure 7. AD5445 Pin Configuration (TSSOP)
R/W
CS
DB0
DB1
DB2
GND
DB11
DB10
DB9
DB8
15
14
13
12
11
1
2
3
4
5
20 19 18 17 16
67 89 10
AD5445
TOP VIEW
PIN 1
INDICATOR
Figure 8. AD5445 Pin Configuration (LFCSP)
Table 6. AD5445 Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
19
IOUT1
DAC Current Output.
2
20
IOUT2
DAC Analog Ground. This pin should normally be tied to the analog ground of the system.
3
1
GND
Ground Pin.
4–15
2–13
DB11–DB0
Parallel Data Bits 11 to 0.
16
14
CS
Chip Select Input. Active low. Used in conjunction with R/W to load parallel data to the input latch or to read data from
the DAC register. Rising edge of CS loads data.
17
15
R/W
Read/Write. When low, use in conjunction with CS to load parallel data. When high, use with CS to read back contents
of DAC register.
18
16
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5 V to 5.5 V.
19
17
VREF
DAC Reference Voltage Input Terminal.
20
18
RFB
DAC Feedback Resistor Pin. Establish voltage output for the DAC by connecting to external amplifier output.


Số phần tương tự - AD5445YRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5445YRU AD-AD5445YRU Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ AD-AD5445YRUZ Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ-REEL AD-AD5445YRUZ-REEL Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ-REEL7 AD-AD5445YRUZ-REEL7 Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
More results

Mô tả tương tự - AD5445YRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5424 AD-AD5424_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5433 AD-AD5433_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5445 AD-AD5445_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Rev. D
AD5424 AD-AD5424 Datasheet
888Kb / 24P
   8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. 0
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com