công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVT16601 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện 74ALVT16601
Giải thích chi tiết về linh kiện  18-bit universal bus transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16601 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVT16601_05 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16601_05 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16601_05 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16601_05 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16601_05 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16601_05 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16601_05 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16601_05 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16601_05 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
74ALVT16601_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 5 July 2005
6 of 20
Philips Semiconductors
74ALVT16601
18-bit universal bus transceiver; 3-state
A4
9
data input or output (A side)
A5
10
data input or output (A side)
GND
11
ground (0 V)
A6
12
data input or output (A side)
A7
13
data input or output (A side)
A8
14
data input or output (A side)
A9
15
data input or output (A side)
A10
16
data input or output (A side)
A11
17
data input or output (A side)
GND
18
ground (0 V)
A12
19
data input or output (A side)
A13
20
data input or output (A side)
A14
21
data input or output (A side)
VCC
22
voltage supply
A15
23
data input or output (A side)
A16
24
data input or output (A side)
GND
25
ground (0 V)
A17
26
data input or output (A side)
OEBA
27
B-to-A output enable input (active LOW)
LEBA
28
B-to-A latch enable input
CEBA
29
B-to-A clock enable (active LOW)
CPBA
30
B-to-A clock input (active rising edge)
B17
31
data input or output (B side)
GND
32
ground (0 V)
B16
33
data input or output (B side)
B15
34
data input or output (B side)
VCC
35
voltage supply
B14
36
data input or output (B side)
B13
37
data input or output (B side)
B12
38
data input or output (B side)
GND
39
ground (0 V)
B11
40
data input or output (B side)
B10
41
data input or output (B side)
B9
42
data input or output (B side)
B8
43
data input or output (B side)
B7
44
data input or output (B side)
B6
45
data input or output (B side)
GND
46
ground (0 V)
B5
47
data input or output (B side)
B4
48
data input or output (B side)
B3
49
data input or output (B side)
Table 3:
Pin description …continued
Symbol
Pin
Description


Số phần tương tự - 74ALVT16601_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVT16601DGG PHILIPS-74ALVT16601DGG Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16601DGG NEXPERIA-74ALVT16601DGG Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ALVT16601DL PHILIPS-74ALVT16601DL Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16601DL NEXPERIA-74ALVT16601DL Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ALVT16601 PHILIPS-74ALVT16601_15 Datasheet
125Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 03-5 July 2005
More results

Mô tả tương tự - 74ALVT16601_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com