công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13144 bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MC13144
Giải thích chi tiết về linh kiện  VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13144 bảng dữ liệu(HTML) 8 Page - Motorola, Inc

  MC13144 Datasheet HTML 1Page - Motorola, Inc MC13144 Datasheet HTML 2Page - Motorola, Inc MC13144 Datasheet HTML 3Page - Motorola, Inc MC13144 Datasheet HTML 4Page - Motorola, Inc MC13144 Datasheet HTML 5Page - Motorola, Inc MC13144 Datasheet HTML 6Page - Motorola, Inc MC13144 Datasheet HTML 7Page - Motorola, Inc MC13144 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC13144
8
MOTOROLA RF/IF DEVICE DATA
D SUFFIX
PLASTIC PACKAGE
CASE 751–06
(SO–8)
ISSUE T
OUTLINE DIMENSIONS
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; SPD, Strategic Planning Office, 141,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
4–32–1 Nishi–Gotanda, Shinagawa–ku, Tokyo, Japan. 81–3–5487–8488
Customer Focus Center: 1–800–521–6274
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
– http://sps.motorola.com/mfax/
HOME PAGE: http://motorola.com/sps/
MC13144/D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Số phần tương tự - MC13144

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Mô tả tương tự - MC13144

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Skyworks Solutions Inc.
SKY67023-396LF SKYWORKS-SKY67023-396LF Datasheet
2Mb / 16P
   2.0 to 3.0 GHz High Linearity, Active Bias Low-Noise Amplifier
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
List of Unclassifed Man...
PBA2 ETC2-PBA2 Datasheet
432Kb / 5P
   Programmable Gain and Bias Amplifier Low noise I/V amplifier
logo
Mimix Broadband
CMM1110 MIMIX-CMM1110 Datasheet
398Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com